Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5378 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 12Page - Cirrus Logic CDB5378 Datasheet HTML 13Page - Cirrus Logic CDB5378 Datasheet HTML 14Page - Cirrus Logic CDB5378 Datasheet HTML 15Page - Cirrus Logic CDB5378 Datasheet HTML 16Page - Cirrus Logic CDB5378 Datasheet HTML 17Page - Cirrus Logic CDB5378 Datasheet HTML 18Page - Cirrus Logic CDB5378 Datasheet HTML 19Page - Cirrus Logic CDB5378 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
CDB5378
16
DS639DB3
2.2.1.6
Common Mode Bias
Differential analog signals into the CS3301/02 amplifiers are required to be biased to the center of the
power supply voltage range, which for bipolar supplies is near ground potential. This common mode bias
voltage is created by buffering the voltage reference, which is nominally +2.5 V relative to the VA- power
supply.
By default, CDB5378 uses the CS3301 differential geophone amplifier and so the common mode bias re-
sistors on the INA inputs are set for land applications. Marine applications using the CS3302 amplifier will
need to modify the default common mode bias resistors.
Resistors to create the common mode bias are normally selected based on the sensor impedance and
may need to be modified from the CDB5378 defaults depending on the sensor used. Refer to the recom-
mended operating bias conditions for the selected sensor, which are available from the sensor manufac-
turer.
Land Common Mode Filter Specification
Value
Common Mode Capacitance
10 nF + 10%
Common Mode Resistance
200
Ω
Common Mode -3 dB Corner @ 6 dB/octave
80 kHz + 10%
Land Differential Filter Specification
Value
Differential Capacitance
10 nF + 10%
Differential Resistance
200
Ω + 200 Ω = 400 Ω
Differential -3 dB Corner @ 6 dB/octave
40 kHz + 10%
Marine Common Mode Filter Specification
Value
Hydrophone Group Capacitance
128 nF + 10%
Common Mode Resistance
825 k
Ω || 825 kΩ = 412 kΩ
-3 dB Corner @ 6 dB/octave
3 Hz + 10%
Marine Differential Filter Specification
Value
Differential Capacitance
10 nF + 10%
Differential Resistance
200
Ω + 200 Ω = 400 Ω
-3 dB Corner @ 6 dB/octave
40 kHz + 10%
Specification
Value
Geophone Sensor Bias Resistance
20 k
Ω || 20 kΩ = 10 kΩ
Hydrophone Sensor Bias Resistance
18 M
Ω || 18 MΩ = 9 MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com