Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5378 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 25Page - Cirrus Logic CDB5378 Datasheet HTML 26Page - Cirrus Logic CDB5378 Datasheet HTML 27Page - Cirrus Logic CDB5378 Datasheet HTML 28Page - Cirrus Logic CDB5378 Datasheet HTML 29Page - Cirrus Logic CDB5378 Datasheet HTML 30Page - Cirrus Logic CDB5378 Datasheet HTML 31Page - Cirrus Logic CDB5378 Datasheet HTML 32Page - Cirrus Logic CDB5378 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
CDB5378
DS639DB3
29
2.3.5.2
I2C - SCL, SDA, Bypass
The I2C telemetry connections to CDB5378 transmit and receive through RS-485 twisted pairs. Because
signals passing through the transceivers are actively buffered, full I2C bus arbitration and error detection
cannot be used (i.e. high-impedance NACK).
The I2C inputs and outputs can be externally wired to create either a daisy chain or a bus-type network,
depending how the telemetry system is to be implemented. Analog switches included on CDB5378 can
bypass the I2C signals to create a bus network from a daisy chain network following address assignment.
When CDB5378 is used in a distributed measurement network, each node must have a unique address.
This address is used to transmit individual configuration commands and tag the source of returned con-
version data. Address assignment can be either dynamic or static, depending how the telemetry system
is to be implemented.
Dynamic address assignment uses daisy-chained I2C connections to assign an address to each mea-
surement node. Once a node receives an address, it enables the I2C bypass switches to the next node
so it can be assigned an address.
Static address assignment has a serial number assigned to each node during manufacturing. When
placed in the network, the location is recorded and a master list of serial numbers vs. location is main-
tained. Alternately, a location-dependent serial number can be assigned during installation.
2.3.6
UART Connection
A UART connection on CDB5378 provides a low-speed standardized connection for telemetry solutions
not using I2C. UART connections are provided for custom programming convenience only and are not
directly supported by the CDB5378 PC evaluation software or microcontroller firmware.
Specification
Value
I2C Inputs, 2 wires each
SCL±, SDA±
I2C Outputs, 2 wires each
BYP_SCL±, BYP_SDA±
I2C Bypass Switch Control
BYP_EN
Specification
Value
UART Connections, 2 wires each
TX/GND, RX/GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com