Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5378 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 29Page - Cirrus Logic CDB5378 Datasheet HTML 30Page - Cirrus Logic CDB5378 Datasheet HTML 31Page - Cirrus Logic CDB5378 Datasheet HTML 32Page - Cirrus Logic CDB5378 Datasheet HTML 33Page - Cirrus Logic CDB5378 Datasheet HTML 34Page - Cirrus Logic CDB5378 Datasheet HTML 35Page - Cirrus Logic CDB5378 Datasheet HTML 36Page - Cirrus Logic CDB5378 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
CDB5378
DS639DB3
33
Analog signal connections into the CS3301/02 amplifiers are 2-wire IN+ and IN- differential pairs, and are
routed as such. Analog signal connections out of the CS3301/02 amplifiers and into the CS5373A mod-
ulator is a 4-wire INR+, INF+, INF-, INR- quad group, and is routed with INF+ and INF- as a traditional
differential pair and INR+ and INR- as guard traces outside the respective INF+ and INF- traces.
2.5.3
Bypass Capacitors
Each device power supply pin includes 0.1 µF bypass capacitors placed as close as possible to the pin
on the back side of the PCB. Each power supply net includes at least 100 µF bulk capacitance as a charge
well for transient current loads.
Figure 5. Quad Group Routing
INR+
INF+
INF-
INR-
INR+
INF+
INF-
INR-
Figure 6. Bypass Capacitor Placement
TOP
BOTTOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com