Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4201 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS4201
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS4201 Datasheet HTML 1Page - Dallas Semiconductor DS4201 Datasheet HTML 2Page - Dallas Semiconductor DS4201 Datasheet HTML 3Page - Dallas Semiconductor DS4201 Datasheet HTML 4Page - Dallas Semiconductor DS4201 Datasheet HTML 5Page - Dallas Semiconductor DS4201 Datasheet HTML 6Page - Dallas Semiconductor DS4201 Datasheet HTML 7Page - Dallas Semiconductor DS4201 Datasheet HTML 8Page - Dallas Semiconductor DS4201 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DS4201
5 of 24
102099
USB DEVICE STRUCTURE Figure 3
NOTE:
For the audio streaming interface alternate setting which selects adaptive synchronization, the
isochronous synch pipe at endpoint 2 (EP2) does not exist.
AUDIO CONTROL INTERFACE
The CONTROL interface is used by the USB host to manipulate and monitor the operation of the
DS4201. Additionally, all features, control capabilities, and characteristics of the DS4201 are
communicated to the host through USB descriptors over this interface. Host communication with the
CONTROL interface is performed over a default control pipe at Endpoint 0.
The USB Audio Device Class (ADC) specification defines audio function units and terminals to describe
and operate a USB Audio device; the Endpoint 0 default control pipe is used to control the units and
terminals. USB operation of the DS4201 Audio device is controlled through Feature Units (FU), a Mixer
Unit (MU), Input Terminals (IT), an Extension Unit (XU), and an Output Terminal (OT) as shown in
Figure 3. The Input Terminal associated with the STREAMING INTERFACE makes a logical connection
to the isochronous data pipe feeding PCM coded data to the DS4201 at Endpoint 1. The DS4201
performs D/A processing of the incoming digital PCM data at this point and thus the output from this
Input Terminal is a logical cluster of analog audio signals consisting of the left and right audio channels.
The Input Terminals associated with the Auxiliary (AUX) and Microphone (MIC) inputs are for
connection to the analog line inputs; the output from these terminals are logical clusters of the respective
analog audio input source. The three Feature Units (FU) provide Mute capability for the three analog
audio clusters. The Extension Unit (XU) provides a DS4201 specific control capability which can be used
to select between two output level ranges from the sigma–delta D/A converter. The Mixer Unit (MU)
provides control for level setting and mixing of the three analog audio clusters; the control capability
consists of gain or attenuation to the incoming analog signals prior to mixing the left and right composite
channels.
INPUT TERMINALS
The ADC Input Terminal (IT) is used to receive audio information into the audio function. It also
converts the incoming audio stream into the separate logical channels embedded. USB OUT endpoints as
well as analog audio inputs are supported. The DS4201 uses three ITs: IT:TID1 connects to Endpoint 1
carrying a USB isochronous audio stream, IT:TID2 connects to the analog AUX input, and IT:TID3
connects to the analog MIC input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com