Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4201 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS4201
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS4201 Datasheet HTML 3Page - Dallas Semiconductor DS4201 Datasheet HTML 4Page - Dallas Semiconductor DS4201 Datasheet HTML 5Page - Dallas Semiconductor DS4201 Datasheet HTML 6Page - Dallas Semiconductor DS4201 Datasheet HTML 7Page - Dallas Semiconductor DS4201 Datasheet HTML 8Page - Dallas Semiconductor DS4201 Datasheet HTML 9Page - Dallas Semiconductor DS4201 Datasheet HTML 10Page - Dallas Semiconductor DS4201 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DS4201
7 of 24
102099
MIXER UNIT
The ADC Mixer Unit (MU) definition provides the mixer with capability to mix all input channels into all
output channels. In addition, mixing controls can be programmable or fixed. The MU descriptor reports
channel mixing, control capability, and input signal source information to the host. As with all ADC
audio units, the input pins and output pin of the MU connect to audio signal clusters; the clusters are
made up of logical channels which enter or exit the MU.
The DS4201 MU, MU:UID8, has 3 input clusters, each of which has 2 logical channels, and 1 output
cluster with 2 logical channels. Thus there are 6 logical inputs and 2 logical outputs. For this arrangement,
the ADC MU defines a mixing capability that consists of 12 controls (6 input channels x 2 output
channels). The MU descriptor field, bmControls, is used to indicate available programmable mixing
controls. The value for the bmControls field is built from a two dimensional array which contains a row
for each logical input channel and a column for each logical output channel. For a given array element,
bmControl[u,v], if [u,v] is set a programmable mixing control exists for input u to output v, if [u,v] is
clear the connection is non–programmable and its fixed value can be retrieved through a MU request.
The array corresponding to the DS4201 mixing capability is shown in Table 2.
For the DS4201, the array indicates the programmable mixing capability of left input channels with the
left out-put channel and likewise for right channels. The value for the bmControl field is built from the
values in Table 2 according to the method outlined in the ADC specification. For the DS4201 the field is
comprised of two bytes with values of: 0x99, 0x90.
bmCONTROL ARRAY FOR MU:UID8 Table 2
OUTPUT CHANNEL
INPUT CHANNEL
1
(OUT-L)
2
(OUT-R)
1 (DAC-L)
1
0
2 (DAC-R)
0
1
3 (AUX-L)
1
0
4 (AUX-R)
0
1
5 (MIC-L)
1
0
6 (MIC-R)
0
1
For programmable mixer controls, the ADC provides request commands to obtain the maximum and
minimum settings available for each control as well as control setting resolution. Programmable control
ranges and resolutions are shown in Table 3. MU commands are documented in APPENDIX A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com