Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4201 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS4201
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS4201 Datasheet HTML 10Page - Dallas Semiconductor DS4201 Datasheet HTML 11Page - Dallas Semiconductor DS4201 Datasheet HTML 12Page - Dallas Semiconductor DS4201 Datasheet HTML 13Page - Dallas Semiconductor DS4201 Datasheet HTML 14Page - Dallas Semiconductor DS4201 Datasheet HTML 15Page - Dallas Semiconductor DS4201 Datasheet HTML 16Page - Dallas Semiconductor DS4201 Datasheet HTML 17Page - Dallas Semiconductor DS4201 Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
DS4201
14 of 24
102099
2. Voltage referenced to ground.
DC CHARACTERISTICS
CONDITIONS:
tA: 25°C, VD: 3.0V–5.5V, VA: 3.0V–5.5V, VB: 3.0V–3.6V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Output Logic 1 Voltage
(IOUT = -1.0mA)
VOH
2.8
V
1,2
Output Logic 0 Voltage
(IOUT = 3.0mA)
VOL
0.3
V
2
Input Leakage Current
IIL
-1
+1
µA
Output Leakage Current
IOL
-1
+1
µA
I/O Leakage Current
IIOL
-1
+1
µA
USB STATE: UNCONFIGURED
Analog Supply Current,
3V Operation
IA
30
45
mA
Analog Supply Current,
5V Operation
IA
35
55
mA
Digital Supply Current,
3V Operation
ID
10
15
mA
Digital Supply Current,
5V Operation
ID
15
25
mA
USB I/F Supply Current
IB
10
15
mA
USB STATE: CONFIGURED
Analog Supply Current,
3V Operation
IA
30
45
mA
Analog Supply Current,
5V Operation
IA
35
55
mA
Digital Supply Current,
3V Operation
ID
30
45
mA
Digital Supply Current,
5V Operation
ID
50
75
mA
USB I/F Supply Current
IB
10
15
mA
USB STATE: SUSPENDED, SPM=1
Analog Supply Current,
3V Operation
IA
30
45
mA
Analog Supply Current,
5V Operation
IA
35
55
mA
Digital Supply Current,
3V Operation
ID
75
115
µA
Digital Supply Current,
5V Operation
ID
100
150
µA
USB I/F Supply Current
IB
50
75
µA
USB STATE: SUSPENDED, SPM=0
Analog Supply Current,
IA
1
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com