Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4201 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS4201
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS4201 Datasheet HTML 5Page - Dallas Semiconductor DS4201 Datasheet HTML 6Page - Dallas Semiconductor DS4201 Datasheet HTML 7Page - Dallas Semiconductor DS4201 Datasheet HTML 8Page - Dallas Semiconductor DS4201 Datasheet HTML 9Page - Dallas Semiconductor DS4201 Datasheet HTML 10Page - Dallas Semiconductor DS4201 Datasheet HTML 11Page - Dallas Semiconductor DS4201 Datasheet HTML 12Page - Dallas Semiconductor DS4201 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DS4201
9 of 24
102099
isochronous data input with adaptive synchronization. Except for ALT–0, the DS4201 supports 44.1 KHz
and 48.0 KHz audio data sampling rates at Endpoint 1. Sampling rate control is performed using ADC
standard requests as described in APPENDIX A. PCM data formats are listed in APPENDIX B.
ENDPOINT 1
The USB isochronous data pipe at Endpoint 1, EP1, delivers PCM audio data to the DS4201. The data
sampling frequency at EP1 can be set at either 44.1 KHz or 48.0 KHz. PCM data captured by the host at
rates other than these two rates require sample rate conversion before being sent to the DS4201. Control
of the sampling rate is performed with ADC endpoint commands as described in APPENDIX A. The
USB isochronous audio data received at EP1 is delivered to Input Terminal 1 (IT:TID1) in the
CONTROL interface. There is a one–to–one link between these two elements. The maximum packet size
supported by EP1 varies with the PCM data type selected. The maximum packet sizes reported in the
STREAMING interface descriptors corresponds to the PCM data format at a 48 KHz sampling rate plus
an additional data sample for synchronization. The USB core specification requires a minimum 1 frame
delay before a USB device can operate on isochronous data. The DS4201 produces a 1 frame delay and
incorporates enough FIFO register storage space for 2 frames total (previous frame plus current frame).
ENDPOINT 2
For alternate settings 1–4, the DS4201 uses the asynchronous type of communication synchronization for
the isochronous data pipe as defined in the USB core specification. The isochronous synchronization pipe
from Endpoint 2 is used to provide the 3–byte data rate feedback value to the host.
USB TRANSCEIVER
Integrated within the DS4201 is a USB compliant bus transceiver. To comply with USB cable
termination requirements, resistors external to the DS4201 must be installed as shown in Figure 4. The 24
ohm, 1% tolerance resistors are necessary to bring the total steady state resistance of each driver to the
28–43 ohms range required by the USB core specification. The 1.5K ohms pull–up resistor is required to
identify the bus as high speed USB.
TRANSCEIVER TERMINATION Figure 4
VOLTAGE REFERENCE
The VREFI input is a connection to a filter node of the internal voltage reference and is used to apply
additional filtering of the reference to reduce noise. This is accomplished by connecting both a 0.1
µF and
10
µF capacitor across this input and analog ground. No other connection should be made to this input
and the potential for coupling onto this input should be minimized to avoid degrading analog
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com