Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4201 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS4201
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS4201 Datasheet HTML 1Page - Dallas Semiconductor DS4201 Datasheet HTML 2Page - Dallas Semiconductor DS4201 Datasheet HTML 3Page - Dallas Semiconductor DS4201 Datasheet HTML 4Page - Dallas Semiconductor DS4201 Datasheet HTML 5Page - Dallas Semiconductor DS4201 Datasheet HTML 6Page - Dallas Semiconductor DS4201 Datasheet HTML 7Page - Dallas Semiconductor DS4201 Datasheet HTML 8Page - Dallas Semiconductor DS4201 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DS4201
3 of 24
102099
SIGNAL NAME
TYPE
FUNCTION
RAUX
I
Auxiliary right channel analog input to the analog output mixer.
LAUX
I
Auxiliary left channel analog input to the analog output mixer.
ROUT
O
Right channel analog audio output from the mixer, 0.5 VRMS or 1.0
VRMS centered about VREF.
LOUT
O
Left channel analog audio output from the mixer, 0.5 VRMS or 1.0
VRMS centered about VREF.
VCM
O
DC bias point to which all AC coupled inputs are centered.
Nominally VREF = 0.4 x VA.
VREFI
I
Filter capacitor connection for internal voltage reference node.
Connect a 10µF and 0.1µF capacitor to VREFI, very close to the pin,
for best operation.
VA
I
Power supply input for analog functions. Range: 3.0 – 5.5V.
VD
I
Power supply input for digital functions. Range: 3.0 – 5.5V.
VB
I
USB I/F power supply input. Range: 3.0 – 3.6V.
DGND
I
Digital ground.
AGND
I
Analog ground.
X1I
I
Crystal 1 input. Use a 12.0 MHz, fundamental mode, parallel
resonant crystal. A 12.0 MHz CMOS clock source may also be used.
X10
O
Crystal 1 output. Connect to other side of crystal 1 if used.
X2I
I
Crystal 2 input. Use a 12.888 MHz, fundamental mode, parallel
resonant crystal. A 12.288 MHz CMOS clock source may also be
used.
X2O
O
Crystal 2 output. Connect to other side of crystal 2 if used.
NC
No connect. Leave these pins unconnected.
DS4201 OPERATION
Operation of the DS4201 is described per the block diagram of Figure 2 and is divided into six sections:
• USB DEVICE
• USB TRANSCEIVER
• VOLTAGE REFERENCE
• ANALOG I/O
• POWER CONTROL
OSCILLATORS
The following sections provide details regarding the operation of each of these elements. Additionally,
APPENDIX C provides recommended connection information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com