Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4201 Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS4201
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201 Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS4201 Datasheet HTML 11Page - Dallas Semiconductor DS4201 Datasheet HTML 12Page - Dallas Semiconductor DS4201 Datasheet HTML 13Page - Dallas Semiconductor DS4201 Datasheet HTML 14Page - Dallas Semiconductor DS4201 Datasheet HTML 15Page - Dallas Semiconductor DS4201 Datasheet HTML 16Page - Dallas Semiconductor DS4201 Datasheet HTML 17Page - Dallas Semiconductor DS4201 Datasheet HTML 18Page - Dallas Semiconductor DS4201 Datasheet HTML 19Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
DS4201
15 of 24
102099
3V Operation
Analog Supply Current,
5V Operation
IA
1
2
µA
Digital Supply Current,
3V Operation
ID
75
115
µA
Digital Supply Current,
5V Operation
ID
100
150
µA
USB I/F Supply Current
IB
50
75
µA
NOTES:
1. Max VOH for D+ and D– is VB. Max VOH for all other digital outputs is VD or the pull–up voltage level.
2. Voltage referenced to ground.
AC CHARACTERISTICS
CONDITIONS:
tA: 25°C, VD: 3.0V–5.5V, VA: 3.0V–5.5V, VB: 3.0V–3.6V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Crystal 1 (X1) Frequency
FOSC1
12.0
MHz
Crystal 2 (X2) Frequency
FOSC2
12.288
MHz
CAPACITANCE
CONDITIONS:
tA: 25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
15
pF
Input/Output Capacitance
CIO
15
pF
SIGMA-DELTA DAC AND DSP CHARACTERISTICS
Figure 5-7 show the overal, pass band, and transition band sampling frequency response of the SD4201
sigma-delta DAC converter at Fs=44.1 KHz.
OVERALL FREQUENCY RESPONSE FIGURE 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com