Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4201 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS4201
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS4201 Datasheet HTML 1Page - Dallas Semiconductor DS4201 Datasheet HTML 2Page - Dallas Semiconductor DS4201 Datasheet HTML 3Page - Dallas Semiconductor DS4201 Datasheet HTML 4Page - Dallas Semiconductor DS4201 Datasheet HTML 5Page - Dallas Semiconductor DS4201 Datasheet HTML 6Page - Dallas Semiconductor DS4201 Datasheet HTML 7Page - Dallas Semiconductor DS4201 Datasheet HTML 8Page - Dallas Semiconductor DS4201 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DS4201
2 of 24
102099
The DS4201 USB function core fully complies with both the USB Specification v1.0 and the USB
Device Class Definition for Audio Devices v1.0. To complete the USB capability of the DS4201, a USB
compliant transceiver is integrated to eliminate the need for any additional support chips. Organization of
the DS4201 in an USB context is shown in Figure 2. For the USB enabled PC, the DS4201 is an ideal
digital output solution for high quality audio and control within the speaker or monitor enclosure. Its USB
control and capabilities as well as its high quality audio characteristics also comply with next generation
PC system and audio standards put forth by industry leaders.
RELATED DOCUMENTS
This data sheet references or complies with the following USB specifications which are considered to be
part of the DS4201 device specification. These documents may be obtained from the USB Implementers
Forum web site: www.usb.org.
Universal Serial Bus Specification
Universal Serial Bus Device Class Definition for Audio Devices
FUNCTIONAL BLOCK DIAGRAM Figure 1
SIGNAL SUMMARY
SIGNAL NAME
TYPE
FUNCTION
D+
I/O
USB data – non-inverted signal of differential data pair.
D-
I/O
USB data – inverted signal of differential data pair.
SPM
I
Suspend Power Mode – controls device power configuration when a
USB suspend state is entered.
SUSO
O
Suspend Output – buffered USB suspend state output from USB
device core. When HIGH the USB is in an active non-suspended
state, when LOW the USB has entered a suspended state. This is an
open drain output and requires a pull-up.
RMIC
I
Microphone right channel analog input to the analog output mixer.
LMIC
I
Microphone left channel analog input to the analog output mixer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com