Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4201 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS4201
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS4201 Datasheet HTML 7Page - Dallas Semiconductor DS4201 Datasheet HTML 8Page - Dallas Semiconductor DS4201 Datasheet HTML 9Page - Dallas Semiconductor DS4201 Datasheet HTML 10Page - Dallas Semiconductor DS4201 Datasheet HTML 11Page - Dallas Semiconductor DS4201 Datasheet HTML 12Page - Dallas Semiconductor DS4201 Datasheet HTML 13Page - Dallas Semiconductor DS4201 Datasheet HTML 14Page - Dallas Semiconductor DS4201 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DS4201
11 of 24
102099
POWER MANAGEMENT
The power management features of the DS4201 are used to control device and external circuit power con-
sumption whenever a USB suspend state is entered; the suspend power mode (SPM) input and suspend
output (SUSO\) signals are used for this control.
SUSPEND POWER MODE
The DS4201 supports two modes of operation when the USB enters a suspend state; the suspend power
mode input signal (SPM) is used to select which of the two modes the device will enter upon suspend.
When the suspend state is entered, the SPM input level is used to selectively shut down specific DS4201
circuitry. Power consumption during the USB suspended state for the two suspend power modes and
various input voltage conditions are listed in the DC Characteristics Table and are summarized in the
following table and paragraphs:
SUSPEND POWER STATES Table 4
BUS STATE
SPM
POWER CONSUMPTION
Active
X
Active
Suspended
1
Reduced from active
Suspended
0
Minimum
When SPM=1 and the USB enters a suspend state, the DS4201 DAC and oscillators are powered down
and digital circuitry enters a low power static state. All other analog circuitry remains powered so that the
signal paths for the AUX and MIC inputs are active.
When SPM=0 and the USB enters a suspend state, power consumption is minimized. For this state\mode,
all analog circuitry and oscillators are powered down and digital circuitry enters a low power static state.
NOTE:
For this state\mode the analog circuitry in the AUX and MIC paths are powered down and analog audio
playback over the AUX and MIC channels will be turned off until the USB returns to an active state.
Therefore it is recommended that the AUX and MIC inputs not be made available for analog input
playback in an application where SPM=0.
Suspend Output
Whenever the USB enters a suspend state the DS4201 suspend output signal ( SUSO ) is driven low. This
signal could be used stand–alone or combined with other external signals to power down circuitry
external to the DS4201, such as amplifiers and power sources, to manage audio system power
consumption during periods of inactivity. The SUSO signal is an open drain output and requires an
external pull–up to a positive supply no greater than 6.0V.
OSCILLATORS
The DS4201 requires two clock sources to operate: 12.0 MHz and 12.288 MHz. Crystals or CMOS
crystal oscillators may be used to provide the clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com