Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4201 Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS4201
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201 Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS4201 Datasheet HTML 14Page - Dallas Semiconductor DS4201 Datasheet HTML 15Page - Dallas Semiconductor DS4201 Datasheet HTML 16Page - Dallas Semiconductor DS4201 Datasheet HTML 17Page - Dallas Semiconductor DS4201 Datasheet HTML 18Page - Dallas Semiconductor DS4201 Datasheet HTML 19Page - Dallas Semiconductor DS4201 Datasheet HTML 20Page - Dallas Semiconductor DS4201 Datasheet HTML 21Page - Dallas Semiconductor DS4201 Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
DS4201
18 of 24
102099
APPENDIX A: DS4201 USB COMMANDS AND REQUESTS
USB commands and command forms not listed here are not supported by the DS4201. The DS4201 will
respond to unsupported commands with a STALL handshake on the Control endpoint as defined in the
USB core and ADC specifications.
USB CORE SPECIFICATION REQUESTS
DS4201 SUPPORTED USB CORE DEVICE REQUESTS
STANDARD DEVICE REQUESTS
TARGET ELEMENT
RANGE
NOTES
SET_ADDRESS
Device
0x01 - 0xFF
SET_CONFIGURATION
Device
0x00 – 0x01
1
GET_CONFIGURATION
Device
0x00 – 0x01
GET_DESCRIPTOR
Device
2
GET_INTERFACE
STREAMING Interface
INFC0:0x00
INFC1:0x00 – 0x05
3,4
SET_INTERFACE
STREAMING Interface
INFC0:0x00
INFC1:0x00 – 0x05
3,4
GET_STATUS
Device, Interfaces, Endpoints 0-2
5,6,7
NOTES:
1. The only valid configuration values are 0 and 1 for the SET_CONFIGURATION request.
Configuration value 0 corresponds to the non–configured state.
2. Only
the
DEVICE
and
CONFIGURATION
descriptor
types
are
supported
for
the
GET_DESCRIPTOR request.
3. There are no alternate settings for the Control Interface (INFC0).
4. Interface settings for the Streaming Interface are defined in the Audio Streaming Interface section.
5. The DS4201 is intended, at a minimum, to be partially bus powered. GET_STATUS requests to the
device will return a logic 0 for the self–powered bit field.
6. The DS4201 does not set the Halt field for the default or isochronous endpoints nor does it accept the
SET_FEATURE ENDPOINT_HALT command for the default or isochronous endpoints. Therefore
the Halt field for GET_STATUS requests to endpoints will always return a value of zero.
7. There is no USB core level status information defined for interfaces. The DS4201 will always return
zero value data for GET_STATUS requests to interfaces.
USB ADC CLASS REQUESTS
DS4201 SUPPORTED USB ADC AUDIO STREAMING REQUESTS
TARGET
ELEMENT
REQUESTS
CONTROL
VALID SETTINGS
DESCRIPTION
SET_CUR
Set sampling freq
for audio data
Endpoint 1
GET_CUR
SAMPLING_FREQ_
CONTROL
0x00AC44 (44.1 KHz)
0x00BB80 (48.0 KHz)
Get sampling freq
for audio data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com