Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4201 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS4201
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS4201 Datasheet HTML 8Page - Dallas Semiconductor DS4201 Datasheet HTML 9Page - Dallas Semiconductor DS4201 Datasheet HTML 10Page - Dallas Semiconductor DS4201 Datasheet HTML 11Page - Dallas Semiconductor DS4201 Datasheet HTML 12Page - Dallas Semiconductor DS4201 Datasheet HTML 13Page - Dallas Semiconductor DS4201 Datasheet HTML 14Page - Dallas Semiconductor DS4201 Datasheet HTML 15Page - Dallas Semiconductor DS4201 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
DS4201
12 of 24
102099
For crystals, use parallel resonant, fundamental mode with a CL specification between 10 pF and 20 pF at
the required frequency. Parallel loading capacitors with a value of approximately twice CL are also
required. The connection scheme shown in APPENDIX C should be used.
For external CMOS crystal oscillators, make a connection directly to the DS4201 X1I and/or X2I inputs.
The X1O and X2O outputs must be left floating for this arrangement.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Voltage on Any Pin Relative to Ground
–0.5V to +6.0V
VD to VA Differential
±0.2V
Operating Temperature
0
°C to 70°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
*This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
ANALOG PERFORMANCE CHARACTERISTICS
CONDITIONS:
tA : 25°C, VD: 3.0V–5.5V, VA: 3.0V–5.5V, VB: 3.0V–3.6V
PARAMETER
MIN
TYP
MAX
UNITS
NOTES
DAC RESOLUTION
8
16
Bits
DAC SAMPLING FREQUENCY
44.1
48
KHz
DYNAMIC PERFORMANCE
8-bit
40
dB
1
Signal-to-Noise Ration (SNR)
16-bit
80
dB
1
8-bit
-35
dB
1,2
Total Harmonic Distortion +
Noise (THD+N)
16-bit
-75
dB
1,2
8-bit
40
dB
1,2
Dynamic Range
16-bit
80
dB
1,2
Crosstalk between Input Channels
-70
dB
1,2
DIGITAL FILTER PERFOMANCE
Frequency Response
-0.25
+0.25
dB
1,2
Passband
0
0.4xFs
KHz
3,2
Transition Band
0.4xFs
0.6xFs
KHz
3,2
Stop Band
0.6xFs
KHz
3,2
Stop Band Attenuation
-74
dB
2
DC ACCURACY
Interchannel Gain/Attenuation Mismatch
0.5
dB
2
Gain/Attenuation Error
10
%
2
Gain/Attenuation Drift
100
ppm/°C
2
Offset Error
10
mV
2,6
ANALOG INPUT
3V operation
1.27
1.41
1.55
VPP
6
Full Scale Input Voltage
5V operation
2.55
2.83
3.11
VPP
6
Input Resistance
4.3
89.7
212.6
K
Ω
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com