Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4201 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS4201
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS4201 Datasheet HTML 4Page - Dallas Semiconductor DS4201 Datasheet HTML 5Page - Dallas Semiconductor DS4201 Datasheet HTML 6Page - Dallas Semiconductor DS4201 Datasheet HTML 7Page - Dallas Semiconductor DS4201 Datasheet HTML 8Page - Dallas Semiconductor DS4201 Datasheet HTML 9Page - Dallas Semiconductor DS4201 Datasheet HTML 10Page - Dallas Semiconductor DS4201 Datasheet HTML 11Page - Dallas Semiconductor DS4201 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
DS4201
8 of 24
102099
MU:UID8 CONTROL RANGE Table 3
MIXER CONTROL RANGE
INPUT
CLUSTER
MIN
MAX
RES
DAC
-96.0 dB
(0xA000)
0.0 dB
(0x0000)
2.0 dB
(0x0200)
AUX
-32 dB
(0xE000)
30.0 dB
(0x1E00)
2.0 dB
(0x0200)
MIC
-32 dB
(0xE000)
30.0 dB
(0x1E00)
2.0 dB
(0x0200)
MIXER UNIT DEFAULT SETTINGS
The power–on default control settings of the MU are:
DAC channels: –20 dB
AUX channels: 0 dB
MIC channels: 0 dB
OUTPUT TERMINAL
The ADC Output Terminal (OT) is used to transmit audio information from the audio function. USB IN
endpoints as well as analog outputs are supported by the ADC specification. The DS4201 uses OT:TID4
to connect the output cluster from the MU:UID8 to the analog line out.
ENDPOINT 0
Control of an audio function is performed over the default pipe through device requests and interface end-
point and control settings. The ADC specification supports the standard device requests as defined in the
USB core specification. It also defines Audio Device class–specific requests to control device operation.
APPENDIX A contains USB core and ADC requests supported by the DS4201.
NOTE:
USB Core or ADC commands not listed in APPENDIX A are not supported by the DS4201. DS4201
response to these unsupported commands will be a STALL on the Endpoint 0 control pipe in accordance
with the USB Core and ADC specifications.
AUDIO STREAMING INTERFACE
The STREAMING interface is used to receive the digital PCM audio stream from the host and to control
host–de-vice data synchronization. Additionally, the STREAMING interface will support six alternative
settings:
ALT–0: (default setting) zero isochronous bandwidth
ALT–1: Asynch synchronization, 16–bit PCM stereo
ALT–2: Asynch synchronization, 16–bit PCM mono
ALT–3: Asynch synchronization, 8–bit PCM stereo
ALT–4: Asynch synchronization, 8–bit PCM mono
ALT–5: Adaptive synchronization, 16–bit PCM stereo
The zero isoch bandwidth setting is included to provide the host system with a mechanism to manage
USB bandwidth. This setting allows the host to reclaim isochronous bandwidth without deconfiguring the
audio device. For alternate settings 1–4, two USB endpoints exist: Endpoint 1 for an isochronous data
input (USB OUT from the host) with asynchronous synchronization, and Endpoint 2 for isochronous
synchronization feed-back. For alternate setting 5, one USB endpoint exists: Endpoint 1 for an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com