Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPI100552B50 Datasheet(PDF) 19 Page - PCA ELECTRONICS INC.

Part # EPI100552B50
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI100552B50 Datasheet(HTML) 19 Page - PCA ELECTRONICS INC.

Back Button EPI100552B50 Datasheet HTML 15Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 16Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 17Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 18Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 19Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 20Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 21Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 22Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 23Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Features of the EPI “F1818” Series
• Used in PDA’s Flash Memory, Digital Cameras, Communications Equipment
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Low cost Robust construction to withstand most SMT processes
• Also suitable for use in high quality filter applications
• Operating Temperature Range : -40°C to +105°C
• Ferrite Materials
EPI F1818 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package F1818
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXF1818
Rev. -
9/12/02
1.2
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
15
22
33
47
56
68
82
100
120
150
180
Induct.
(µH ± 20%)
@ 0 Adc
.024
.028
.031
.043
.049
.065
.072
.100
.108
.118
.128
.149
.235
.378
.587
.625
.699
.915
1.02
1.27
1.35
1.54
DCR
(
Ω Max.)
EPI1L2252F1818
EPI1L8222F1818
EPI2L2202F1818
EPI2L7162F1818
EPI3L3152F1818
EPI3L9142F1818
EPI4L7132F1818
EPI5L6112F1818
EPI6L8112F1818
EPI8L2102F1818
EPI100102F1818
EPI150761F1818
EPI220701F1818
EPI330561F1818
EPI470481F1818
EPI560411F1818
EPI680351F1818
EPI820321F1818
EPI101291F1818
EPI121271F1818
EPI151241F1818
EPI181221F1818
Part
Number
2.56
2.20
2.04
1.60
1.57
1.44
1.32
1.17
1.12
1.04
1.00
0.76
0.70
0.56
0.48
0.41
0.35
0.32
0.29
0.27
0.24
0.22
Idc
(Amp.)
.118
Max.
(3.00)
.195 ± .012
(4.70 ± .300)
.195 ± .012
(4.70 ± .300)
.208
(5.30)
.208
(5.30)
.059 (1.50)
.177
(4.50)
.177
(4.50)
Marking:
PCA
Inductance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com