Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPI100552B50 Datasheet(PDF) 28 Page - PCA ELECTRONICS INC.

Part # EPI100552B50
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI100552B50 Datasheet(HTML) 28 Page - PCA ELECTRONICS INC.

Back Button EPI100552B50 Datasheet HTML 24Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 25Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 26Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 27Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 28Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 29Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 30Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 31Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 32Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductors
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used as an Inductor in TI TPS6103X Series, Single Cell or Dual Cell
Boost Converters
• Used in PDA’s, MP3 Players, Camcorders, & other Portable
Communication Equip.
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• High Current Application
• Low Profile Version
EPI F4747L Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXF4747L
Rev. 2
6/9/03
10
15
18
22
33
39
47
56
68
82
100
150
220
330
470
560
680
820
1000
Induct.
(µH ± 20%)
@ 0 Adc
.025
.030
.034
.036
.068
.073
.075
.110
.120
.140
.160
.230
.400
.570
.770
.860
1.20
1.34
1.53
DCR
(
Ω Max.)
EPI100402F4747L
EPI150332F4747L
EPI180302F4747L
EPI220282F4747L
EPI330212F4747L
EPI390202F4747L
EPI470182F4747L
EPI560172F4747L
EPI680152F4747L
EPI820142F4747L
EPI101132F4747L
EPI151102F4747L
EPI221801F4747L
EPI331681F4747L
EPI471581F4747L
EPI561541F4747L
EPI681481F4747L
EPI821431F4747L
EPI102401F4747L
Part
Number
4.0
3.3
3.0
2.8
2.1
2.0
1.8
1.7
1.5
1.4
1.3
1.0
.80
.68
.58
.54
.48
.43
.40
Idc
(Amp)
Package F4747L
.472
± .012
(12.00
± .300)
.299
(7.60)
.177 Max.
(4.50)
Recommended
Pad Layout
.276
(7.00)
.213
(5.40)
.504
(12.80)
Marking:
PCA
Inductance Value
.197
(5.00)
.472
± .012
(12.00
± .300)
Note :
1. Temperature Rise : 40°C Max. @ Idc
2. Inductance Change at Idc : 10% Approximate.
Application
L1
µH
Battery
Input
SW
TPS6103X
R1
R2
R4
R3
C1
Fb
PGnd
LBO
VBat
LBI
Sync
Gnd
EN
VOut
C2
C3
R6
+
-
Vcc
Control
Output
Boost
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com