Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPI100552B50 Datasheet(PDF) 20 Page - PCA ELECTRONICS INC.

Part # EPI100552B50
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI100552B50 Datasheet(HTML) 20 Page - PCA ELECTRONICS INC.

Back Button EPI100552B50 Datasheet HTML 16Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 17Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 18Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 19Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 20Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 21Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 22Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 23Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 24Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Features of the EPI “F1818L” Series
• Used in PDA’s Flash Memory, Digital Cameras, Communications Equipment
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Low cost Robust construction to withstand most SMT processes
• Also suitable for use in high quality filter applications
• Operating Temperature Range : -40°C to +105°C
• Ferrite Materials
EPI F1818L Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package F1818L
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXF1818L
Rev. -
9/12/02
1.0
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
Induct.
(µH ± 20%)
@ 0 Adc
.045
.075
.105
.110
.155
.162
.170
.200
.245
.200
.210
.240
.338
.397
.441
.694
.709
DCR
(
Ω Max.)
EPI1L0172F1818L
EPI2L2132F1818L
EPI2L7122F1818L
EPI3L3102F1818L
EPI3L9881F1818L
EPI4L7841F1818L
EPI5L6801F1818L
EPI6L8761F1818L
EPI8L2681F1818L
EPI100601F1818L
EPI120561F1818L
EPI150501F1818L
EPI180481F1818L
EPI220411F1818L
EPI270351F1818L
EPI330321F1818L
EPI390301F1818L
Part
Number
1.72
1.32
1.28
1.04
0.88
0.84
0.80
0.76
0.68
0.61
0.56
0.50
0.48
0.41
0.35
0.32
0.30
Idc
(Amp.)
.079
Max.
(2.00)
.195 ± .012
(4.70 ± .300)
.195 ± .012
(4.70 ± .300)
.208
(5.30)
.208
(5.30)
.059 (1.50)
.177
(4.50)
.177
(4.50)
Marking:
PCA
Inductance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com