Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPI100552B50 Datasheet(PDF) 49 Page - PCA ELECTRONICS INC.

Part # EPI100552B50
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI100552B50 Datasheet(HTML) 49 Page - PCA ELECTRONICS INC.

Back Button EPI100552B50 Datasheet HTML 42Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 43Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 44Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 45Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 46Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 47Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 48Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 49Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 50Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
E L E C T R O N I C S I N C .
Radial Lead Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Virtually no limit on V µSec. as long as max. RMS Current Limit
and Temperature Rise Limit are not exceeded
• Low loss material ensures operation in high frequency
switching converters, such as Buck, Boost or as output
averaging filter inductor
• Also suitable for use in high quality filter applications
• Low cost Robust construction to withstand most SMT processes
EPI RL30 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXRL30a
Rev. 3
12/12/02
1.0 ± 20%
1.5 ± 20%
2.2 ± 20%
3.3 ± 20%
4.7 ± 20%
6.8 ± 20%
10 ± 20%
12 ± 20%
15 ± 10%
18 ± 10%
22 ± 10%
27 ± 10%
33 ± 10%
39 ± 10%
47 ± 10%
56 ± 10%
68 ± 10%
82 ± 10%
100 ± 10%
120 ± 10%
150 ± 10%
180 ± 10%
Inductance
(µH)
@ 0 Adc
DCR
(
Ω Max.)
0.013
0.016
0.021
0.025
0.030
0.035
0.05
0.06
0.07
0.08
0.09
0.11
0.13
0.14
0.15
0.18
0.20
0.24
0.28
0.36
0.42
0.57
I dc
(mA Max.)
10000
8500
6500
5500
4300
3700
2900
2500
2200
1900
1800
1700
1500
1300
1300
1200
1100
1000
890
810
720
660
Test Frequency
(MHz Typ.)
7.96
7.96
7.96
7.96
7.96
7.96
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
1.0
1.0
1.0
1.0
Part Number
(add “A” for Heat Shrink Tube)
EPI1L0103RL30
EPI1L5852RL30
EPI2L2652RL30
EPI3L3552RL30
EPI4L7432RL30
EPI6L8372RL30
EPI100292RL30
EPI120252RL30
EPI150222RL30
EPI180192RL30
EPI220182RL30
EPI270172RL30
EPI330152RL30
EPI390132RL30
EPI470132RL30
EPI560122RL30
EPI680112RL30
EPI820102RL30
EPI101891RL30
EPI121811RL30
EPI151721RL30
EPI181661RL30
Package RL30A
(With Heat Shrink Tube)
Note :
1. Temperature Rise : 40°C Max. @ Idc
2. Inductance Drop : 10% Max. @ Idc
3. Leads are pre-tinned
.295
(7.50)
.307 Typ.
(7.80)
.0275
(.700)
.197
(5.00)
.197 ± .012
(5.00 ± .300)
.295
(7.50)
.307 ± .020
(7.80 ± .500)
.0275
(.700)
.197
(5.00)
.197 ± .012
(5.00 ± .300)
Package RL30
(Without Heat Shrink Tube)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com