Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPI100552B50 Datasheet(PDF) 27 Page - PCA ELECTRONICS INC.

Part # EPI100552B50
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI100552B50 Datasheet(HTML) 27 Page - PCA ELECTRONICS INC.

Back Button EPI100552B50 Datasheet HTML 23Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 24Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 25Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 26Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 27Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 28Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 29Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 30Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 31Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductors
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Low loss material ensures operation in high frequency
switching converters, such as Buck, Boost or as output
averaging filter inductor
• Also suitable for use in High Quality Filter Applications
• Low Profile version for High Current Applications
EPI F4747 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXF4747
Rev. 2
8/26/02
10
15
18
22
33
39
47
56
68
82
100
150
220
330
470
560
680
820
1000
Induct.
(µH ± 20%)
@ 0 Adc
.022
.027
.040
.044
.065
.073
0.10
0.11
0.14
0.16
0.22
0.28
0.39
0.64
0.98
1.07
1.46
1.64
1.82
DCR
(
Ω Max.)
EPI100542F4747
EPI150452F4747
EPI180392F4747
EPI220362F4747
EPI330302F4747
EPI390272F4747
EPI470252F4747
EPI560232F4747
EPI680212F4747
EPI820192F4747
EPI101172F4747
EPI151142F4747
EPI221112F4747
EPI331951F4747
EPI471791F4747
EPI561731F4747
EPI681671F4747
EPI821601F4747
EPI102551F4747
Part
Number
5.40
4.50
3.90
3.60
3.00
2.75
2.50
2.35
2.10
1.95
1.70
1.42
1.16
0.95
0.79
0.73
0.67
0.60
0.55
Idc
(Amp)
Package F4747
.472
± .012
(12.00
± .300)
.299
(7.60)
.315 Max.
(8.00)
Recommended
Pad Layout
.276
(7.00)
.213
(5.40)
.504
(12.80)
Marking:
PCA
Inductance Value
.197
(5.00)
.472
± .012
(12.00
± .300)
Note :
1. Temperature Rise : 40°C Max. @ Idc
2. Inductance Change at Idc : 10% Approximate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com