Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPI100552B50 Datasheet(PDF) 24 Page - PCA ELECTRONICS INC.

Part # EPI100552B50
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI100552B50 Datasheet(HTML) 24 Page - PCA ELECTRONICS INC.

Back Button EPI100552B50 Datasheet HTML 20Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 21Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 22Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 23Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 24Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 25Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 26Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 27Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 28Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductors
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in PDA’s, Cell Phones, Digital Cameras, MP3 Players,
Low Power CPU & DSP Supply and Organizers
• Used as an Inductor in TI TPS6205X, TPS6110X and TPS6112X
Series Applications
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
EPI F3030 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXF3030
Rev. 1
8/21/02
10
15
18
22
33
39
47
56
68
82
100
150
220
330
470
560
680
820
1000
Induct.
(µH ± 20%)
@ 0 Adc
.049
.081
.091
.110
.170
..230
.260
.350
.380
.420
.610
.880
1.70
1.86
3.01
3.62
4.63
5.20
6.00
DCR
(
Ω Max.)
EPI100182F3030
EPI150152F3030
EPI180132F3030
EPI220122F3030
EPI330961F3030
EPI390911F3030
EPI470881F3030
EPI560751F3030
EPI680691F3030
EPI820611F3030
EPI101601F3030
EPI151461F3030
EPI221361F3030
EPI331321F3030
EPI471261F3030
EPI561231F3030
EPI681221F3030
EPI821201F3030
EPI102181F3030
Part
Number
1.84
1.47
1.31
1.23
0.96
0.91
0.88
0.75
0.69
0.61
0.60
0.46
0.36
0.32
0.26
0.23
0.22
0.20
0.18
Idc
(Amp)
Package F3030
.287
± .008
(7.30
± .200)
.200
(5.10)
.177 Max.
(4.50)
Recommended
Pad Layout
.138
(3.50)
.150
(3.83
.335
(8.50)
Marking:
PCA
Inductance Value
.080
(2.03)
.287
± .008
(7.30
± .200)
Note :
1. Temperature Rise : 40°C Max. @ Idc
2. Inductance Change at Idc : 10% Typ.
3. Inductance Change at Isat: 30% Approximate.
3.17
2.48
2.22
2.13
1.73
1.54
1.41
1.27
1.19
1.11
0.99
0.81
0.66
0.54
0.46
0.40
0.38
0.35
0.31
Isat
(Amp)
Battery
TPS6112X
SWN
PGnd
FB
VBat
LBI
SKIPEN
Gnd
SWP
Control
Outputs
Vcc1
VOut
EN
LDOEN
PGOOD
LBO
LDOOUT
LDOIN
LDOSENSE
Vcc2
On
On
On
Off
Off
Off
Control
Inputs
L1
+
-
Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com