Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPI100552B50 Datasheet(PDF) 26 Page - PCA ELECTRONICS INC.

Part # EPI100552B50
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI100552B50 Datasheet(HTML) 26 Page - PCA ELECTRONICS INC.

Back Button EPI100552B50 Datasheet HTML 22Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 23Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 24Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 25Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 26Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 27Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 28Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 29Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 30Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductors
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used as an Inductor in TI TPS6103X Series, Single Cell or Dual Cell
Boost Converters
• Used as an Inductor in TI’s TPS5431X & TPS5461X Series Synchronous
Buck Switcher with Integrated FET (Swift) Application
• Used in PDA’s Flash Memory, Digital Cameras, MP3 Players & other
Portable Equipment
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
EPI F4040 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXF4040
Rev. 3
6/9/03 FF
1.5 ± 30%
2.5 ± 30%
3.8 ± 30%
5.2 ± 30%
7.0 ± 30%
10 ± 20%
15 ± 20%
22 ± 20%
33 ± 20%
47 ± 20%
68 ± 20%
100 ± 20%
150 ± 20%
220 ± 20%
330 ± 20%
Inductance
(µH)
@ 0 Adc
.0081
.010
.013
.022
.027
.035
.050
.073
.093
.128
.213
.304
.506
.756
1.09
DCR
(
Ω Max.)
EPI1L5103F4040
EPI2L5752F4040
EPI3L8602F4040
EPI5L2552F4040
EPI7L0482F4040
EPI100442F4040
EPI150362F4040
EPI220292F4040
EPI330232F4040
EPI470212F4040
EPI680152F4040
EPI101132F4040
EPI151112F4040
EPI221921F4040
EPI331701F4040
Part
Number
10
7.5
6.0
5.5
4.8
4.4
3.6
2.9
2.3
2.1
1.5
1.35
1.15
0.92
0.70
Idc
(Amp)
Package F4040
Notes :
1. Temperature Rise : 40°C Max. @ Idc
2. Inductance Change at Idc : 35% Approximate.
Recommended
Pad Layout
.287
(7.30)
.142
(3.60)
.421
(10.70)
.394 ± .012
(10.00 ± .300)
.150 ± .008
(3.80 ± .200)
.047
(1.20)
Marking:
PCA
Inductance Value
.118 (3.00)
.402 ± .012
(10.20 ± .300)
.303
(7.70)
Application
Input
Output
Vin
Boot
TPS5431X
&
TPS5461X
PH
VBias
VSense
AGnd
PGnd
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com