Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPI100552B50 Datasheet(PDF) 12 Page - PCA ELECTRONICS INC.

Part # EPI100552B50
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI100552B50 Datasheet(HTML) 12 Page - PCA ELECTRONICS INC.

Back Button EPI100552B50 Datasheet HTML 8Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 9Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 10Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 11Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 12Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 13Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 14Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 15Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 16Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Low loss material ensures operation in high frequency
switching converters, such as Buck, Boost or as output
averaging filter inductor
• Also suitable for use in high quality filter applications
• 500 KHz Switching Frequency
EPI BHC44 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package BHC44
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
2.33
0.58
Inductance
(µH ± 15%)
@ 0 Idc
DCR
(
Ω Typ.)
.0046
.0011
Idc
(Amps)
11.9
23.8
Part
Number
EPI0L6243BHC44
Inductance
(µH ± 15%)
@ Odc
3.67
0.92
Vt
(V-µsec)
@ 500 KHz
2.0
1.0
Temp. Rise
(°C Typ.)
@ Vt1
58
58
CSIXXXXXXBHC44
Rev. 1
3/5/03
• Core Loss @ Ref. Vt : 32 mW •
.865 Max.
(21.97)
.715
Max.
(18.16)
.390
Max.
(9.91)
.770
(19.56)
.360
(9.14)
.300
(7.62)
.080 (2.03)
.745/.775
(18.92/19.69)
4
3
1
2
4
3
1
2
PCA
EPIXXXXXXBHC44
D.C.
Suggested
Pad
Layout
Schematic
4
2
3
1
Series
Parallel
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com