Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPI100552B50 Datasheet(PDF) 30 Page - PCA ELECTRONICS INC.

Part # EPI100552B50
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI100552B50 Datasheet(HTML) 30 Page - PCA ELECTRONICS INC.

Back Button EPI100552B50 Datasheet HTML 26Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 27Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 28Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 29Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 30Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 31Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 32Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 33Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 34Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in Camcorders, LCD TV’s, Car Radios, Communications Equipment
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Low cost Robust construction to withstand most SMT processes
• Also suitable for use in high quality filter applications
• Operating Temperature Range : -40°C to +105°C
• Ferrite Materials
EPI G1816 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package G1816
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXG1816 Rev. -
9/17/02
1.0
1.4
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
Induct.
(µH ± 10%)
@ 0 Adc
.049
.057
.064
.072
.079
.087
.094
.109
.126
.132
.147
.182
.210
.235
.338
.378
.522
.540
.587
.844
.937
1.117
DCR
(
Ω Max.)
EPI1L0252G1816
EPI1L4252G1816
EPI1L8192G1816
EPI2L2172G1816
EPI2L7152G1816
EPI3L3142G1816
EPI3L9132G1816
EPI4L7112G1816
EPI5L6991G1816
EPI6L8951G1816
EPI8L2841G1816
EPI100102G1816
EPI120971G1816
EPI150851G1816
EPI180741G1816
EPI220681G1816
EPI270621G1816
EPI330561G1816
EPI390521G1816
EPI470441G1816
EPI560421G1816
EPI680371G1816
Part
Number
2.56
2.52
1.95
1.75
1.58
1.44
1.33
1.15
0.99
0.95
0.84
1.04
0.97
0.85
0.74
0.68
0.62
0.56
0.52
0.44
0.42
0.37
Idc
(Amps Max.)
Note :
1. Temperature Rise : 40°C Typ. @ Idc
2. Inductance Change at I Saturation : 10% TYP.
.157 ± .012
(4.00 ± .300)
.177
± .012
(4.50
± .300)
.059
(1.50)
.126 ± .012
(3.20 ± .300)
Recommended
Pad Layout
.071
(1.80)
.201
(5.10)
.177
(4.50)
Marking:
PCA
Inductance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com