Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPI100552B50 Datasheet(PDF) 46 Page - PCA ELECTRONICS INC.

Part # EPI100552B50
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI100552B50 Datasheet(HTML) 46 Page - PCA ELECTRONICS INC.

Back Button EPI100552B50 Datasheet HTML 42Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 43Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 44Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 45Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 46Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 47Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 48Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 49Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 50Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
E L E C T R O N I C S I N C .
Thru-Hole Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Features of the EPI “AVM1” Series
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• Up to 500 KHz Switching Frequency
• UL 1446 Class B Insulation System
• UL 94V-0 Recognized Material
• In Vertical Mount Package
• Low Cost Inductor
EPI AVM1 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package AVM1
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXAVM1 Rev. -
11/25/02
EPI500272AVM1
EPI101242AVM1
EPI151232AVM1
Part
Number
50.29
100.38
151.69
Induct.
(µH ± 20%)
@ 0 Adc
.054
.097
.124
DCR
(
Ω Typ.)
2.6
2.5
2.1
Idc
(A)
35.0
69.3
105.3
Induct.
(µH ± 15%)
@ I Sat
2.7
2.4
2.3
I Sat
(A)
33
51
58
Core Loss
(mW)
@ Vt
16.3
27.5
35.7
Vt
(V-µSec.)
@ 100 KHz
128
200
279
Energy
(µJ)
@ I Sat
26.5
33
25
Temp.
Rise
@ Idc (°C)
Bottom
View
.600
(15.24)
.250
(6.35)
.049 Ø
(1.25 Ø)
.952
Max.
(24.20)
.150 (3.81)
.772 Max.
(19.60)
.600
(15.24)
.425
(10.80)
.705
Max.
(17.91)
32
41
Marking:
PCA
EPIXXXXXXAVM1
D.C.
.250
(6.35)
1
.040 Ø
(1.02 Ø)
Schematic
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com