Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPI100552B50 Datasheet(PDF) 37 Page - PCA ELECTRONICS INC.

Part # EPI100552B50
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI100552B50 Datasheet(HTML) 37 Page - PCA ELECTRONICS INC.

Back Button EPI100552B50 Datasheet HTML 33Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 34Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 35Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 36Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 37Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 38Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 39Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 40Page - PCA ELECTRONICS INC. EPI100552B50 Datasheet HTML 41Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
E L E C T R O N I C S I N C .
Thru-Hole Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• Max. Temperature Rise of 40°C
• Low Cost Inductor
EPI A106 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXA106
Rev. 2
3/5/03
.85
1.5
2.2
3.3
4.7
6.0
9.5
15
20
33
47
55
68
100
150
220
280
330
470
680
1000
Induct.
(µH ± 15%)
@ 0 Adc
DCR
(
Ω Typ.)
.0005
.0011
.0013
.002
.003
.005
.006
.007
.010
.013
.015
.016
.02
.04
.06
.12
.14
.16
.30
.46
.88
I
Saturation
(Amperes)
43
32
26
21
18
16
13
10
8.6
6.8
5.9
5.4
4.8
3.9
3.2
2.7
2.4
2.2
1.8
1.5
1.20
Part
Number
EPI0L8433A106
EPI1L5323A106
EPI2L2263A106
EPI3L3213A106
EPI4L7183A106
EPI6L0163A106
EPI9L5133A106
EPI150103A106
EPI200862A106
EPI330682A106
EPI470592A106
EPI550542A106
EPI680482A106
EPI101392A106
EPI151322A106
EPI221272A106
EPI281242A106
EPI331222A106
EPI471182A106
EPI681152A106
EPI102122A106
I rms
(Amperes)
40
30
25
20
18
15
12
10
8.6
6.8
5.9
5.4
4.8
3.9
3.2
2.7
2.4
2.2
1.8
1.5
1.2
Lead
Diameter
(inch/mm)
.102/2.59
.081/2.06
.081/2.06
.072/1.83
.064/1.63
.057/1.45
.057/1.45
.057/1.45
.051/1.30
.051/1.30
.051/1.30
.051/1.30
.051/1.30
.040/1.02
.036/.910
.029/.740
.025/.640
.025/.640
.020/.510
.018/.460
.016/.410
Isat
°C (Max.)
35.0
38.03
5.0
35.0
36.0
40.0
37.0
32.0
33.0
31.0
30.0
29.0
29.0
31.0
31.0
34.0
34.0
33.0
38.0
37.0
40.0
Temp.Rise
Vt
(V-µsec)
10
16
20
25
30
32
40
50
60
80
90
100
110
130
160
200
220
240
290
340
400
Package
1.40
Max.
(35.56)
.375
(9.53)
1.40
Max.
(35.56)
.500
(12.70)
.700
Max.
(17.79)
• Core Loss at Ref. Vt: 1.28 Watts • Inductance Change @ Isat : 20% Max. •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com