Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP420BBT Datasheet(PDF) 109 Page - Intel Corporation

Part # GWIXP420BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP420BBT Datasheet(HTML) 109 Page - Intel Corporation

Back Button GWIXP420BBT Datasheet HTML 105Page - Intel Corporation GWIXP420BBT Datasheet HTML 106Page - Intel Corporation GWIXP420BBT Datasheet HTML 107Page - Intel Corporation GWIXP420BBT Datasheet HTML 108Page - Intel Corporation GWIXP420BBT Datasheet HTML 109Page - Intel Corporation GWIXP420BBT Datasheet HTML 110Page - Intel Corporation GWIXP420BBT Datasheet HTML 111Page - Intel Corporation GWIXP420BBT Datasheet HTML 112Page - Intel Corporation GWIXP420BBT Datasheet HTML 113Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
109
Table 56.
Motorola* Multiplexed Mode Values
Symbol
Parameter
Min.
Max.
Units
Notes
Talepulse
Pulse width of EX_ALE (ADDR is valid at the rising edge of
EX_ALE)
14
Cycles
1, 7
Tale2addrhold
Valid address hold time after from falling edge of EX_ALE
1
1
Cycles
1, 2, 7
Tdval2valds
Write data valid prior to EXP_MOT_DS_N falling edge
1
4
Cycles
3, 7
Tdspulse
Pulse width of the EXP_MOT_DS_N
1
16
Cycles
4, 7
Tdholdafterds
Valid data after the rising edge of EXP_MOT_DS_N
1
4
Cycles
5, 7
Tale2valcs
Valid chip select after the falling edge of EX_ALE
1
4
Cycles
7
Trdsetup
Data valid required before the rising edge of EXP_MOT_DS_N
15
ns
Trdhold
Data hold required after the rising edge of EXP_MOT_DS_N
0
ns
Trecov
Time needed between successive accesses on expansion
interface.
116
Cycles
6
Notes:
1.
The EX_ALE signal is extended from 1 to 4 cycles based on the programming of the T1 timing
parameter. The parameter Tale2addrhold is fixed at 1 cycle.
2.
Setting the address phase parameter (T1) will adjust the duration that the address appears to the external
device.
3.
Setting the data setup phase parameter (T2) will adjust the duration that the data appears prior to a
data strobe (read or write) to an external device.
4.
Setting the data strobe phase parameter (T3) will adjust the duration that the data strobe appears (read
or write) to an external device. Data will be available during this time as well.
5.
Setting the data hold strobe phase parameter (T4) will adjust the duration that the chip selects,
address, and data (during a write) will be held.
6.
Setting the recovery phase parameter (T5) will adjust the duration between successive accesses on
the expansion interface.
7.
One cycle is the period of the Expansion Bus clock.
8.
Clock to output delay for all signals will be a maximum of 15 ns for devices requiring operation in
synchronous mode.
9.
Timing tests were performed with a 70-pF capacitor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com