Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP420BBT Datasheet(PDF) 112 Page - Intel Corporation

Part # GWIXP420BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP420BBT Datasheet(HTML) 112 Page - Intel Corporation

Back Button GWIXP420BBT Datasheet HTML 108Page - Intel Corporation GWIXP420BBT Datasheet HTML 109Page - Intel Corporation GWIXP420BBT Datasheet HTML 110Page - Intel Corporation GWIXP420BBT Datasheet HTML 111Page - Intel Corporation GWIXP420BBT Datasheet HTML 112Page - Intel Corporation GWIXP420BBT Datasheet HTML 113Page - Intel Corporation GWIXP420BBT Datasheet HTML 114Page - Intel Corporation GWIXP420BBT Datasheet HTML 115Page - Intel Corporation GWIXP420BBT Datasheet HTML 116Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
112
Document Number: 252479, Revision: 005
Table 57.
Motorola* Simplex Mode Values
Symbol
Parameter
Min.
Max.
Units
Notes
Tad2valcs
Valid address to valid chip select
1
4
Cycles
1, 2, 7
Tdval2valds
Write data valid prior to EXP_MOT_DS_N falling edge
1
4
Cycles
3, 7
Tdspulse
Pulse width of the EXP_MOT_DS_N
1
16
Cycles
4, 7
Tdholdafterds
Valid data after the rising edge of EXP_MOT_DS_N
1
4
Cycles
5, 7
Trdsetup
Data valid required before the rising edge of
EXP_MOT_DS_N
15
ns
Trdhold
Data hold required after the rising edge of
EXP_MOT_DS_N
0ns
Trecov
Time required between successive accesses on the
expansion interface.
116
Cycles
6
Notes:
1.
EX_ALE is not valid in simplex mode of operation.
2.
Setting the address phase parameter (T1) will adjust the duration that the address appears to the external
device.
3.
Setting the data setup phase parameter (T2) will adjust the duration that the data appears prior to a
data strobe (read or write) to an external device.
4.
Setting the data strobe phase parameter (T3) will adjust the duration that the data strobe appears
(read or write) to an external device. Data will be available during this time as well.
5.
Setting the data hold strobe phase parameter (T4) will adjust the duration that the chip selects,
address, and data (during a write) will be held.
6.
Setting the recovery phase parameter (T5) will adjust the duration between successive accesses on
the expansion interface.
7.
One cycle is the period of the Expansion Bus clock.
8.
Clock to output delay for all signals will be a maximum of 15 ns for devices requiring operation in
synchronous mode.
9.
Timing tests were performed with a 70-pF capacitor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com