Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXAPFB Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
102
Freescale Semiconductor
Document Revision History
18 Document Revision History
Table 48 provides a revision history for this hardware specification.
Table 61. Document Revision History
Rev. No.
Substantive Change(s)
1
Original Customer Version.
1.1
Made updates throughout document.
Secrion 1.6.1—Added symbols and note for the GTX_CLK125 timing parameters.
Section 1.11.3—Updated pin list table: LGPL5/LSDAMUX to LGPL5, LA[27:29] and LA[30:31] to
LA[27:31], TRST to TRST, added GBE Clocking section and EC_GTX_CLK125 signal.
Figure 50—Updated pin 2 connection information.
1.2
Section 1.1.1—Updated feature list.
Section 1.2.1.1—Updated notes for Table 1.
Section 1.2.1.2—Removed 5-V PCI interface overshoot and undershoot figure.
Section 1.2.1.3—Added this section to summarize impedance driver settings for various interfaces.
Section 1.4—Updated rows in Reset Initialization timing specifications table. Added a table with DLL
and PLL timing specifications.
Section 1.5.2.2—Updated note 6 of DDR SDRAM Output AC Timing Specifications table.
Section 1.7—Changed the minimum input low current from -600 to -15
µA for the RGMII DC electrical
characteristics.
Section 1.7.2—Changed LCS[3:4] to TSEC1_TXD[6:5] in . Updated notes regarding LCS[3:4].
Section 1.13.2—Updated the mechanical dimensions diagram for the package.
Section 1.13.3—Updated the notes for LBCTL, TRIG_OUT, and ASLEEP.
Corrected pin assignments
for IIC_SDA and IIC_SCL. Corrected reserved pin assignment of V11 to U11. V11 is actually
PCI_STOP.
Section 1.14.1—Updated the table for frequency options with respect to platform/CCB frequencies.
Section 1.14.4—Edited Frequency options with respect to memory bus speeds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com