Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXAPFB Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
103
Document Revision History
2.0
Section 1.1—Updated features list to coincide with latest version of the reference manual
Table 1 and Table 2— Addition of CPM to OVDD and OVIN; Addition of SYSCLK to OVIN
Table 2—Addition of notes 1 and 2
Table 3—Addition of note 1
Table 5—New
Section 4—New
Table 12—Addition of IVREF
Table 14—Modified maximum values for tDISKEW
Table 15—Added MSYNC_OUT to tMCKSKEW2
Figure 5—New
Section 6.2.1—Removed Figure 4, "DDR SDRAM Input Timing Diagram"
Section 7.1—Removed refereneces to 2.5 V from first paragraph
Figure 8—New
Table 18 and Table 19—Modified “conditions” for IIH and I IL
Table 20—Addition of min and max for GTX_CLK125 reference clock duty cycle
Table 24—Addition of min and max for GTX_CLK125 reference clock duty cycle
Table 26—Addition of min and max for GTX_CLK125 reference clock duty cycle
Figure 17 and Figure 19—Changed LSYNC_IN to Internal clock at top of each figure
Table 33—Modified values for tFIIVKH, tNIIVKH, and tTDIVKH; addition of tPIIVKH and tPIIXKH.
Table 34—Modified values for tFEKHOX, tNIKHOX,tNEKHOX, tTDKHOX; addition of tPIKHOX.
Figure 23—New
Figure 30—New
Figure 36—New
Figure 38—New
Table 30—Removed row for tLBKHOX3
Table 43—New (AC timing of PCI-X at 66 MHz)
Table 53—Addition of note 19
Figure 60—Addition of jumper and note at top of diagram
Table 55—Changed max bus freq for 667 core to 166
Section 16.2.1—Modified first paragraph
Figure 52—Modified
Figure 53—New
Table 59—Modified thermal resistance data
Section 16.2.4.2—Modified first and second paragraphs
2.1
Section 2.1.2—New
Table 15—Added speed-specifc minimum values for 333, 266, and 200 MHz
Table 30—Replaced all refereneces to TSEC1_TXD[6:5] to TSEC2_TXD[6:5]
Table 30—Added tLBSKEW and note 3
Table 30—Added comment about rev. 2.x devices to note 5
Section 14.1— Changed minium height from 2.22 to 3.07 and maximum from 2.76 to 3.75
Section 16.2.4.1—Changed
θ
JC from 0.3 to 0.8; changed die-junction temperature from 67° to 71°
Section 17.7—Added paragraph that begins “TSEC1_TXD[3:0]...”
Table 61. Document Revision History
Rev. No.
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com