Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88170L Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 7Page - ASIX Electronics Corporation AX88170L Datasheet HTML 8Page - ASIX Electronics Corporation AX88170L Datasheet HTML 9Page - ASIX Electronics Corporation AX88170L Datasheet HTML 10Page - ASIX Electronics Corporation AX88170L Datasheet HTML 11Page - ASIX Electronics Corporation AX88170L Datasheet HTML 12Page - ASIX Electronics Corporation AX88170L Datasheet HTML 13Page - ASIX Electronics Corporation AX88170L Datasheet HTML 14Page - ASIX Electronics Corporation AX88170L Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
ASIX ELECTRONICS CORPORATION
11
CONFIDENTIAL
AX88170
PRELIMINARY
3.0 EEPROM Memory Mapping
EEPROM
OFFSET
HIGH BYTE
LOW BYTE
00H
RESERVED
WORD COUNT FOR PRELOAD
01H
*FLAG
02H
LENGTH OF DEVICE DESCRIPTOR (BYTE)
EEPROM OFFSET OF DEVICE
DESCRIPTOR
03H
LENGTH OF CONFIGURATION DESCRIPTOR
(BYTE)
EEPROM OFFSET OF CONFIGURATION
DESCRIPTOR
04H
NODE ID 1
NODE ID 0
05H
NODE ID 3
NODE ID 2
06H
NODE ID 5
NODE ID 4
07H
LANGUAGE ID HIGH BYTE
LANGUAGE ID LOW BYTE
08H
LENGTH OF STRING INDEX 1
EEPROM OFFSET OF STRING INDEX 1
09H
LENGTH OF STRING INDEX 2
EEPROM OFFSET OF STRING INDEX 2
0AH
LENGTH OF STRING INDEX 3
EEPROM OFFSET OF STRING INDEX 3
0BH
LENGTH OF STRING INDEX 4
EEPROM OFFSET OF STRING INDEX 4
0CH
LENGTH OF STRING INDEX 5
EEPROM OFFSET OF STRING INDEX 5
0DH
LENGTH OF STRING INDEX 6
EEPROM OFFSET OF STRING INDEX 6
0EH
LENGTH OF STRING INDEX 7
EEPROM OFFSET OF STRING INDEX 7
0FH
LENGTH OF STRING INDEX 8
EEPROM OFFSET OF STRING INDEX 8 (19H)
10H
MAX PACKETSIZE HIGH BYTE
MAX PACKET LOW BYTE
11H
HOMEPNA PHY ID
ETHERNET PHY ID
12H
PAUSE PACKET HIGH WATER LEVEL
PAUSE PACKET LOW WATER LEVEL
13H-18H
RESERVED
19H
03H
0CH
1AH
BYTE 2 OF UNICODE MAC ADDRESS
**BYTE 1 OF UNICODE MAC ADDRESS
1BH
BYTE 4 OF UNICODE MAC ADDRESS
BYTE 3 OF UNICODE MAC ADDRESS
1CH
BYTE 6 OF UNICODE MAC ADDRESS
BYTE 5 OF UNICODE MAC ADDRESS
1DH
BYTE 8 OF UNICODE MAC ADDRESS
BYTE 7 OF UNICODE MAC ADDRESS
1EH
BYTE 10 OF UNICODE MAC ADDRESS
BYTE 9 OF UNICODE MAC ADDRESS
1FH
BYTE 12 OF UNICODE MAC ADDRESS
BYTE 11 OF UNICODE MAC ADDRESS
20H-4FH
DEVICE /CONFIGURATION /INTERFACE /ENDPOINT DESCRIPTOR
50H-FFH
STRINGS
Tab - 7 EEPROM Memory Mapping
Note:
*Flag:
Bit 0
è Self Powered (for USB GetStatus)
Bit 1
è Bus Powered (Reserved)
Bit 2
è Remote Wakeup (for USB GetStatus) Bit 3 è Interrupt Endpoint Enaable (Reserved)
Bit 4
è ClkNoStop (for Self Power only)
Bit 5
è Reserved
Bit 6
è Reserved
Bit 7
è Reserved
Bit 8
è Capture Effective Mode
Bit 9
è Flow Control selector (1: software,o: read from PHY)
Bit A – F
è Reserved
Bit 4 also effect LED display, if high then LED display USB active only otherwise display USB link and activity.
(In Self power mode Bit_4 set to high)
**Unicode MAC Address:
If the MAC’s NODE ID is 01,23,45,67,89,ABh respect to NODE ID 0, NODE ID 1, …
NODE ID5
Then
the unicode will be 30-31,32-33,34-35,36-37,38-39,41-42h respects to BYTE 1 OF UNICODE MAC ADDRESS- BYTE
2 OF UNICODE MAC ADDRESS, … -BYTE 12 OF UNICODE MAC ADDRESS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com