Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88170L Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 9Page - ASIX Electronics Corporation AX88170L Datasheet HTML 10Page - ASIX Electronics Corporation AX88170L Datasheet HTML 11Page - ASIX Electronics Corporation AX88170L Datasheet HTML 12Page - ASIX Electronics Corporation AX88170L Datasheet HTML 13Page - ASIX Electronics Corporation AX88170L Datasheet HTML 14Page - ASIX Electronics Corporation AX88170L Datasheet HTML 15Page - ASIX Electronics Corporation AX88170L Datasheet HTML 16Page - ASIX Electronics Corporation AX88170L Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
ASIX ELECTRONICS CORPORATION
13
CONFIDENTIAL
AX88170
PRELIMINARY
4.2 USB Communication Class Commands
** NN: number of multicast addresses
** BBAA: Ethernet Packet Filter
** TTSS: Number of Ethernet Statics
SETUP COMMAND
DATA IN/OUT
DESCRIPTION
21 40 NN 00 00 00 6*N 00
Data 6*N bytes
Set Ethernet Multicast Filters
21 41 00 00 00 00 10 00
Data 16 bytes
Set Ethernet Power Management Pattern
A1 42 00 00 00 00 02 00
Data 2 bytes
Get Ethernet Power Management Pattern
21 43 AA BB 00 00 00 00
No Data
Set Ethernet Packet Filter (AA BB)
Description of Ethernet Packet Filter (AA BB) Bitmap
BB = [D15:D8]
AA = [D7:D0]
Bit position
DESCRIPTION
D15..D5
RESERVED (Reset to Zero)
D4
PACKET_TYPE_MULTICAST
1: All multicast packets enumerated in the device’s multicast address list are
forwarded up to the host.
0: Disabled.
D3
PACKET_TYPE_BROADCAST
1: All broadcast packet packets received by the networking device are forwarded
up to the host.
0: Disable.
D2
PACKET_TYPE_DIRECTED
1: Directed packets received containing a destination address equal to the MAC
address of the networking device are forwarded up to the host.
0: Always not set to Zero.
D1
PACKET_TYPE_ALL_MULTICAST
1 : ALL multicast frames received by the networking device are forwarded up to
the host, not just the ones enumerated in the device’s multicast address list.
0: Disabled.
D0
PACKET_TYPE_PROMISCUOUS
1: ALL frames received by the networking device are forwarded up to the host.
0: Disabled.
Tab - 9 Ethernet Packet Filter Bitmap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com