Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88170L Datasheet(PDF) 39 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 39 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 31Page - ASIX Electronics Corporation AX88170L Datasheet HTML 32Page - ASIX Electronics Corporation AX88170L Datasheet HTML 33Page - ASIX Electronics Corporation AX88170L Datasheet HTML 34Page - ASIX Electronics Corporation AX88170L Datasheet HTML 35Page - ASIX Electronics Corporation AX88170L Datasheet HTML 36Page - ASIX Electronics Corporation AX88170L Datasheet HTML 37Page - ASIX Electronics Corporation AX88170L Datasheet HTML 38Page - ASIX Electronics Corporation AX88170L Datasheet HTML 39Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
AX88170
USB to Fast Ethernet/HomePNA Controller
ASIX ELECTRONICS CORPORATION
39
RXD0
LLED
C92
0.1u
C81
0.1u
TXER
C79
1000p
C91
0.1u
AGND
TXD43
TDN
R75
49.9
L12
F.B.
GND
CRS
C83
0.1u
RXD41
RJ03
C82
0.1u
RJ03
RXCLK
GND
C87
0.1u
TXD1
C74
0.1u
TXER
VDD5
GND
RXER
GND
RXD43
AVDD5
R79
75
CRS4
RDP
RDN
C73
0.01u/2KV
AVDD5
GND
RXD1
AGND
170AP5A6.SCH
2.0
EtherNet PHY C.K.T.
B
7
7
Monday, February 26, 2001
Title
Size
Document Number
Rev
Date:
Sheet
of
TXD0
TDP
TXD2
TXD3
GND
R74
49.9
AGND
RXDV4
CRS
AVDD5
C78
1000p
TXD2
GND
RXER4
RXD2
GND
VDD5
+
C86
47u/16V
AGND
VDD5
AVDD5
GND
C76
0.01u
R80
75
R73
49.9
CHASSIS
JP3
RJ45
1
2
3
4
5
6
7
8
RXD0
VDD5
U17
DM9191F
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
AVCC
NC
NC
NC
NC
AGND
AVCC
AVCC
RXI-
RXI+
AGND
AGND
10TXO-
10TXO+
AVCC
AVCC
AGND
AGND
NC
NC
AVCC
AVCC
AGND
AGND
100TXO-
100TXO+
AVCC
DVCC
OSC/X1
X2
DGND
OSC/XLT#
AVCC
AGND
BGRES
NC
DGND
DGND
AGND
AVCC
TRIDRV
UTP
SPEED10
RX_LOCK
DGND
NC
LINKSTS
CLK25M
DVCC
FDXLED#
COLLED#
DGND
LINKLED#
RXLED#
TXLED#
TX_ER/TXD4
TXD3
TXD2
TXD1
TXD0
DGND
DVCC
TX_EN
TX_CLK
MDC
MDIO
DGND
DVCC
RXD3
RXD2
RXD1
RXD0
DGND
DVCC
RX_CLK
CRS
COL
RX_DV
RX_ER/RXD4
RX_EN
RESET#
TESTDOME
PHYAD0
PHYAD1
PHYAD2
DGND
DVCC
PHYAD3
PHYAD4
OPMODE0
OPMODE1
OPMODE2
OPMODE3
RPTR/NODE#
BPALIGN
BP4B5B
BPSCR
10BTSER
AGND
AGND
RJ02
(ETHERNET PORT)
VDD5
C84
0.1u
C80
0.1u
RST#
JP2
RJ45
1
2
3
4
5
6
7
8
GND_E
VDD5
+
C77
47u/16V
TDP
RDP
Ethernet
Port Link/Act LED
VDD5
VDD5
C93
0.1u
RJ06
GND
TDP
RST_EN#
AGND
VDD5
TXD3
TXD40
AVDD5
AGND
TXD41
TX 1CT:1CT
RX 1CT:1CT
RJ02
RJ01
RJ03
RST#
RXD1
25M_PHY
AGND
TXEN
(1%)
GND
RDN
C90
0.1u
R82
510
VDD5
GND
VDD5
VDD5
VDD5
GND
RXD2
VDD5
LLED4
RJ06
RXD40
AGND
TXEN
RXCLK
AVDD5
RJ06
R78
75
C85
0.1u
(ETHERNET
UPLINK POART)
AVDD5
C72
0.1u
VDD5
RXER
T1
16ST8515
16
14
15
1
3
2
10
12
11
7
5
6
16
14
15
1
3
2
10
12
11
7
5
6
RXD42
TXEN4
RJ02
AVDD5
LLED4
D7
GREEN LED
C89
0.1u
25M_PHY
TDN
TXER4
25M_PHY
GND
R81
6.2K
TXD0
AVDD5
C75
0.1u
RXD3
VDD5
C88
0.1u
GND
R76
49.9
RXCLK4
R77
75
RXDV
GND
LLED4
TDN
AGND
TXD42
TXD1
RJ01
VDD5
GND
RXDV
RJ01
RXD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com