Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88170L Datasheet(PDF) 32 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 32 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 28Page - ASIX Electronics Corporation AX88170L Datasheet HTML 29Page - ASIX Electronics Corporation AX88170L Datasheet HTML 30Page - ASIX Electronics Corporation AX88170L Datasheet HTML 31Page - ASIX Electronics Corporation AX88170L Datasheet HTML 32Page - ASIX Electronics Corporation AX88170L Datasheet HTML 33Page - ASIX Electronics Corporation AX88170L Datasheet HTML 34Page - ASIX Electronics Corporation AX88170L Datasheet HTML 35Page - ASIX Electronics Corporation AX88170L Datasheet HTML 36Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
AX88170
USB to Fast Ethernet/HomePNA Controller
ASIX ELECTRONICS CORPORATION
32
TXD2
RXDV
RING
VDD3
TXEN
R13
10K
VDD3
C3
0.1u
R14
49.9
TXD3
TXEN
R4
20
+ C10
47u/16V
TXD0
TIP
25MHZ
R6
10K
170AP2A1.SCH
2.0
HOMENET PHY C.K.T.
B
1
2
Monday, February 26, 2001
Title
Size
Document Number
Rev
Date:
Sheet
of
MDIO
TXCLK
C8
0.01u
COL
RXD0
VDD3
VDD3
POWERLED#
TXCLK
COLLED#
POWERLED#
R2
4.7K
C14
0.1u
C4
0.1u
TXCLK
R7
20
VDD3
CRS
RXD2
TXD3
R15
49.9
U2
HR002
5
4
3
2
1
7
8
6
12
13
14
15
16
11
10
9
NC
NC
GND
-
+
NC
NC
NC
NC
NC
NC
NC
NC
NC
TIP
RING
RXD3
SPEEDLED#
R8
330
+ C1
47u/16V
TXD0
C7
0.01u
RXCLK
RXD0
CRS
RXD3
COL
MDC
ACTLED#
RXCLK
AVDD3_1
R9
4.7K
U1
DP83851C
36
35
34
33
32
31
23
24
25
26
27
28
37
38
21
22
45
46
19
29
39
5
11
20
7
8
4
17
18
16
15
44
14
42
43
48
30
40
41
47
3
6
10
1
2
9
12
13
TXD3
TXD2
TXD1
TXD0/TXD
TX_EN
TX_CLK
RXD3/PHYAD0
RXD2/CMDDIS#
RXD1/HI_POWER_EN#
RXD0/RXD/LOW_SPEED_EN#
RX_DV/GPSI_SEL#
RX_CLK
COL/MDIO_INT_EN#
CRS/PIN_INTRP_EN#
MDIO
MDC
X1
X2
IO_VDD1
IO_VDD2
CORE_VDD
ANA_VDD2
ANA_VDD3
IO_GND1
TIP
RING
RBIAS
LED_COL/PHYAD2
LED_ACT/PHYAD1
LED_SPEED/PHYAD3
LED_POWER/PHYAD4
RESET#
RESERVED
RESERVED
RESERVED
ANA_VDD1
IO_GND2
CORE_GND
CORE_SUB(0V)
ANA_GND1
ANA_GND2
ANA_GND3
ANA_GND4
SUB_GND1
SUB_GND2
SUB_GND3
RESERVED
RESERVED
D3
YELLOW LED
TXD3
AVDD3_2
TXD1
R11
330
D1
GREEN LED
R17
0
SPEEDLED#
TXEN
RXCLK
MDC
GND
R16
4.7K
PRST#
MDC
CRS
D2
YELLOW LED
R3
10K
GND
RXD3
VDD3
L1
F.B.
C13
0.01u
J1
RJ11
1
2
3
4
5
6
NC
A1
TIP
RING
A2
NC
RXD1
+ C5
47u/16V
RXD1
C12
0.01u
RXD1
ACTLED#
TXD2
VDD3
25MHZ
TXD0
COL
TXD1
+ C6
47u/16V
25MHZ
R5
330
+ C11
47u/16V
MDIO
D4
RED LED
MDIO
VDD3
RXDV
PRST#
R12
9.31K
1%
C2
0.01u
TIP
C9
0.1u
RXD2
R1
330
L2
F.B.
RXD2
TXD2
TXD1
RXDV
R10
10K
Set PHY Address TO 00001 and LED DISPLAY C.K.T. :
PRST#
RXD0
COLLED#
RING
VDD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com