Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88170L Datasheet(PDF) 9 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 9 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 5Page - ASIX Electronics Corporation AX88170L Datasheet HTML 6Page - ASIX Electronics Corporation AX88170L Datasheet HTML 7Page - ASIX Electronics Corporation AX88170L Datasheet HTML 8Page - ASIX Electronics Corporation AX88170L Datasheet HTML 9Page - ASIX Electronics Corporation AX88170L Datasheet HTML 10Page - ASIX Electronics Corporation AX88170L Datasheet HTML 11Page - ASIX Electronics Corporation AX88170L Datasheet HTML 12Page - ASIX Electronics Corporation AX88170L Datasheet HTML 13Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
ASIX ELECTRONICS CORPORATION
9
CONFIDENTIAL
AX88170
PRELIMINARY
2.4 RMII interface signal pins (PHY mode)
When /S_RMII=0 and /S_MAC=1
SIGNAL
TYPE
PIN NO.
DESCRIPTION
RXD[1:0]
O
27, 26
Receive Data : Basically RXD[1:0] is transformed from TXD[1:0] of MAC
mode of RMII interface.
CRS_DV
O
15
Carrier Sense _ Data Valid : Basically CRS_DV is transformed of TX_EN
from MAC mode of RMII interface.
TXD[1:0]
I/PU
19, 18
Transmit Data : Basically TXD[1:0] is transformed from RXD[1:0] of MAC
mode of RMII interface.
TX_EN
I/PD
22
Transmit Enable : Basically TX_EN is transformed from RX_DV from MAC
mode of RMII interface.
REF_CLK
I
16
Reference clock : The input is a continue clock at 50Mhz for timing
reference with RMII interface.
Tab – 5 RMII interface signal pins (PHY mode)
2.5 Miscellaneous pins group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
25M_XIN
I
35
CMOS Local Clock : Typical a 25Mhz clock, +/- 100 ppm, 40%-60% duty
cycle. ( See application note also )
Crystal Oscillator Input : Typical a 25Mhz crystal, +/- 25 ppm can be
connected across 25M_XIN and 25M_XOUT.
25M_XOUT
O
36
Crystal Oscillator Output : Typical a 25Mhz crystal, +/- 25 ppm can be
connected across 25M_XIN and 25M_XOUT. If a single-ended external
clock is connected to 25M_XIN, the crystal output pin should be left
floating.
48M_XIN
I
52
48Mhz CMOS Clock In : Typical a 48Mhz clock, +/- 500 ppm, 40%-60% duty
cycle. ( See application note also )
48Mhz Crystal Oscillator Input: Typical a 48Mhz crystal, +/- 100 ppm can be
connected across 48M_XIN and 48M_XOUT.
48M_XOUT
O
51
48Mhz Crystal Oscillator Output: Typical a 48Mhz crystal, +/- 100 ppm can
be connected across 48M_XIN and 48M_XOUT. If a single-ended external
clock is connected to 48M_XIN, the crystal output pin should be left
floating.
25M_CLKO
O
33
Clock Output : This clock is source from 25M_XIN.
/RST
I/PD
4
Reset:
Reset is active low then place AX88170 into reset mode immediately.
During Ris ing edge the AX88170 loads the EEPROM data.
/S_RMII
I/PU
43
Set to RMII mode:
0: RMII mode is selected.
1: MII mode is selected. (default)
/S_MAC
I/PD
9
Set MII/RMII interface to MAC mode:
0: MAC mode is selected. (default)
1: PHY mode is selected.
/S_FDPX
I/PD
8
Set duplex mode when PHY mode is selected or When S_EXT is set and
MAC mode is selected:
0: full-duplex mode is selected. (default)
1: half-duplex mode is selected.
S_EXT
I/PD
7
Select where duplex mode is sourced from when MAC mode:
0: duplex mode depands on internal register. (default)
1: duplex mode depands on external signal /S_FDPX
SPD_UP
ID
6
The setting is enable speed up test mode:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com