Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88170L Datasheet(PDF) 36 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 36 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 31Page - ASIX Electronics Corporation AX88170L Datasheet HTML 32Page - ASIX Electronics Corporation AX88170L Datasheet HTML 33Page - ASIX Electronics Corporation AX88170L Datasheet HTML 34Page - ASIX Electronics Corporation AX88170L Datasheet HTML 35Page - ASIX Electronics Corporation AX88170L Datasheet HTML 36Page - ASIX Electronics Corporation AX88170L Datasheet HTML 37Page - ASIX Electronics Corporation AX88170L Datasheet HTML 38Page - ASIX Electronics Corporation AX88170L Datasheet HTML 39Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
AX88170
USB to Fast Ethernet/HomePNA Controller
ASIX ELECTRONICS CORPORATION
36
VDD3
48M_XIN
R35
18
R36
4.7K
RXCLK
U11
AX88170 L
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
D+
D-
VDD
/RST
VSS
SPD_UP
S_EXT
/S_FDPX
/S_MAC
VDD
VSS
MDC
COL
MDIO
CRS
TX_CLK
VSS
TXD0
TXD1
TXD2
TXD3
TX_EN
VDD
RX_CLK
VSS
RXD0
RXD1
RXD2
RXD3
VDD
RX_ER
RX_DV
25M_CLKO
VSS
25M_XIN
25M_XOUT
VDD
GPIO0
/PHY_RST
GPIO1
/HOMELINK
VSS
/S_RMII
VDD
EECS
EECK
EEDI
EEDO
VSS
VDD
48M_XOUT
48M_XIN
VSS
VDD
TEST0
TEST1
TEST2
/EP78DIS TEST3
VDD
TEST_OUT
TEST4
LEERDY
ACT/LINK
VSS
VDD3
RST#
170AP5A3.SCH
2.0
AX88170 CIRCUIT 3
ASIX ELECTRONIC CORPORATION
B
4
7
Monday, February 26, 2001
Title
Size
Document Number
Rev
Date:
Sheet
of
VDD3
GND
48M_XIN
TXD3
ACT/LINK#
RXCLK2
EECS
VDD3
C40
0.1u
VDD3
R33
1.5K
J3
USB-CON
1
2
3
4
GND
VDD5
D+
D-
RXD0
TXD2
ALDONE
RST_USB#
C42
0.1u
EEDO
U12
93C56R
1
2
3
4
5
6
7
8
CS
SK
DI
DO
GND
NC
NC
VCC
EECK
RXDV2
EEDI
C44
8p
R38
10K
TXD21
D-
48M_XOUT
VDD3
TXD0
CRS2
VDD3
R32
330
EECK
CRS
TXD23
R40
0
R31
1K
Y3
48M
RXD2
C43
0.1u
C41
0.1u
L9
2.2uH
TXEN
EEDO
D+
VDD3
VDD3
C37
20P
VDD3
RXD1
RXDV
RXD20
R39
10K
RXD3
R34
18
RXD21
*5 USB Port Link/Act LED
C36
20P
R37
20k
L8
F.B.
GND
TXD1
VDD3
EEDI
TXEN2
RXD23
48M_XOUT
TXD20
RXD22
D3
LED
EECS
25M_USB2
C39
0.1u
Q3
2SC2412K
VDD3
C46
22pF
TXD22
C45
8p
C38
0.01u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com