Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88170L Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88170L Datasheet HTML 1Page - ASIX Electronics Corporation AX88170L Datasheet HTML 2Page - ASIX Electronics Corporation AX88170L Datasheet HTML 3Page - ASIX Electronics Corporation AX88170L Datasheet HTML 4Page - ASIX Electronics Corporation AX88170L Datasheet HTML 5Page - ASIX Electronics Corporation AX88170L Datasheet HTML 6Page - ASIX Electronics Corporation AX88170L Datasheet HTML 7Page - ASIX Electronics Corporation AX88170L Datasheet HTML 8Page - ASIX Electronics Corporation AX88170L Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
ASIX ELECTRONICS CORPORATION
Frist Released Date : Sep/11/2000
2F, NO.13, Industry East Rd. II, Science-based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
AX88170 L
USB to Fast Ethernet/HomePNA Controller
USB to Fast Ethernet/HomePNA Controller
Document No.: AX170-12 / V1.2 / Apr. 11 ’01
Features
•
Single chip USB to 10/100Mbps Fast Ethernet and
1/10Mbps HomePNA Network Controller
•
Compliant with USB specification 1.0 and 1.1
•
Full Speed USB Device with bus power capability
•
USB Communication Class Spec 1.0 Compliant
•
Support 4 endpoints on USB
•
IEEE 802.3u 100BASE-T, TX, and T4 Compatible
•
Embedded 5K*16 bit SRAM
•
Support both full-duplex or half-duplex operation on
Fast Ethernet
•
Provides a MII port for both Ethernet and
HomePNA PHY interface
•
Supports suspended mode and remote wakeup
(link_up or magic packet)
•
Optional PHY power down mode for power saving
•
Provides optional MII/RMII interface with PHY
mode
for
multiple
ports
USB-to-USB bridge
application.
•
Support 256/512 bytes serial EEPROM (used for
saving USB Descriptors)
•
Support automatic loading of Ethernet ID, USB
Descriptors
and
Adapter
Configuration
from
EEPROM on power-on initialization
•
External PHY loop-back diagnostic capability
•
Small form factor 64-pin LQFP package
•
48MHz and 25MHz Operation, pure 3.3V operation
with I/O 5V tolerance
*IEEE is a registered trademark of the Institute of Electrical and
Electronic Engineers, Inc.
*All other trademarks and registered trademark are the property of
their respect ive holders.
Product description
The AX88170 USB to Fast Ethernet/HomePNA Controller is a high performance and highly integrated Controller with
embedded 5K*16 bit SRAM. The AX88170 contains a USB interface to host CPU and compliant with USB StandardV1.0 and
V1.1. The interface between AX88170 and PC Host is compliant with USB Communication Class Specification 1.0. The
AX88170 could be used for both 10M/100Mbps Fast Ethernet function based on IEEE802.3 / IEEE802.3u LAN standard and
1M/10M HomePNA standard. The AX88170 supports media-independent interface (MII) or RMII (Reduce MII) interface to
simplify the design on implementing Fast Ethernet and HomePNA functions. The chip also provides an optional MII/RMII
interface with PHY mode, combine with Ethernet repeater or switch IC can build a multiple ports USB-to-USB bridge
application.
System Block Diagram
Always contact ASIX for possible updates before starting a design.
This data sheet contains new products information. ASIX ELECTRONICS reserves the rights to modify product specification without
notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
AX88170
10/100 Mbps Ethernet
PHY/TxRx
MAGNETIC
RJ45
USB I/F
EEPROM
1/10 Mbps
Home LAN PHY
MAGNETIC
RJ11


Similar Part No. - AX88170L

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88172A ASIX-AX88172A Datasheet
913Kb / 45P
USB 2.0 to 10/100M Fast Ethernet Controller
AX88172ATF ASIX-AX88172ATF Datasheet
913Kb / 45P
USB 2.0 to 10/100M Fast Ethernet Controller
AX88172L ASIX-AX88172L Datasheet
229Kb / 28P
USB to Fast Ethernet/HomePNA Controller
AX88178 ASIX-AX88178 Datasheet
218Kb / 35P
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
AX88178 ASIX-AX88178 Datasheet
812Kb / 37P
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
More results

Similar Description - AX88170L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL5KUSB101 ETC1-KL5KUSB101 Datasheet
300Kb / 17P
USB to Ethernet Controller
logo
ASIX Electronics Corpor...
AX88178L ASIX-AX88178L Datasheet
218Kb / 35P
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
logo
List of Unclassifed Man...
KL5KUSB111 ETC1-KL5KUSB111 Datasheet
140Kb / 8P
USB to HomePNA
logo
ASIX Electronics Corpor...
AX88172L ASIX-AX88172L Datasheet
229Kb / 28P
USB to Fast Ethernet/HomePNA Controller
AX88178 ASIX-AX88178 Datasheet
812Kb / 37P
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
AX88772 ASIX-AX88772 Datasheet
878Kb / 42P
USB to 10/100 Fast Ethernet/HomePNA Controller
logo
List of Unclassifed Man...
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
USB to 10/100 Ethernet Controller
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
USB 2.0 to 10/100M Fast Ethernet Controller
AX88772 ASIX-AX88772_07 Datasheet
427Kb / 43P
USB to 10/100 Fast Ethernet/HomePNA Controller
logo
Infineon Technologies A...
ADM8511 INFINEON-ADM8511 Datasheet
7Mb / 109P
USB/Fast Ethernet/HomePNA Controller
Data Sheet, Rev. 2.03, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com