Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88170L Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 18Page - ASIX Electronics Corporation AX88170L Datasheet HTML 19Page - ASIX Electronics Corporation AX88170L Datasheet HTML 20Page - ASIX Electronics Corporation AX88170L Datasheet HTML 21Page - ASIX Electronics Corporation AX88170L Datasheet HTML 22Page - ASIX Electronics Corporation AX88170L Datasheet HTML 23Page - ASIX Electronics Corporation AX88170L Datasheet HTML 24Page - ASIX Electronics Corporation AX88170L Datasheet HTML 25Page - ASIX Electronics Corporation AX88170L Datasheet HTML 26Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
ASIX ELECTRONICS CORPORATION
22
CONFIDENTIAL
AX88170
PRELIMINARY
6.4.6 RMII Interface Timing of PHY Mode
Tclk
Tch
Tcl
REF_CLK
Ts
Th
TX_EN
(in)
TXD
(in)
CRS_DV
(out)
Tod
Tod
RXD
(out)
Symbol
Description
Min
Typ.
Max
Units
Tclk
REF_CLK Clock Cycle Time
19.998
20
20.002
ns
Tch
REF_CLK Clock High Time
7
10
13
ns
Tcl
REF_CLK Clock Low Time
7
10
13
ns
Ts
TXEN and TXD data setup to REF_CLK high
4
ns
Th
TXEN and TXD data hold from REF_CLK high
2
ns
Tod
REF_CLK rising edge to CRS_DV, RXD delay
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com