Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88170L Datasheet(PDF) 30 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 30 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 26Page - ASIX Electronics Corporation AX88170L Datasheet HTML 27Page - ASIX Electronics Corporation AX88170L Datasheet HTML 28Page - ASIX Electronics Corporation AX88170L Datasheet HTML 29Page - ASIX Electronics Corporation AX88170L Datasheet HTML 30Page - ASIX Electronics Corporation AX88170L Datasheet HTML 31Page - ASIX Electronics Corporation AX88170L Datasheet HTML 32Page - ASIX Electronics Corporation AX88170L Datasheet HTML 33Page - ASIX Electronics Corporation AX88170L Datasheet HTML 34Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
AX88170
USB to Fast Ethernet/HomePNA Controller
ASIX ELECTRONICS CORPORATION
30
TDP
GND
C40
0.1u
L5
F.B.
C30
0.1u
VDD3
C27
0.1u
ACTIVITY LED
SPDLED
MDIO
TXD0
R15
4.7K
TXEN
D4
LED
RX-
R19
75
R35
510
R16
49.9
VDD3
R32
510
RXDV
R25
2K
TXD3
C23
0.01u
TDN
25MHZ
R20
75
VDD3
RXER
J2
RJ45
2
1
3
6
4
5
7
8
R21
75
R17
49.9
CRS
TX+
R18
75
R31
4.7K
VDD3
L6
F.B.
VDD3
R24
4.7K
R28
4.65K
VDD3
GND
GND
R12
4.7K
R26
4.7K
GND
C35
0.1u
D6
LED
FULL DUPLEX LED
TX-
D3
LED
R23
4.7K
+ C37
4.7u/16V
FULLED
VDD3
C26
1000P
C39
0.1u
C33
0.1u
VDD3
C34
0.1u
RXD1
GND
GND
D5
LED
RXD3
VDD3
C42
0.1u
R11
49.9
TXCLK
GND
C22
0.01u/2KV
PRST#
VDD3
C29
1000P
R34
510
COL
C20
0.01u
R33
510
LINK LED
ACTLED
RXD2
+ C25
4.7u/16V
GND
RXD0
ACTLED
C31
0.1u
RX+
FULLED
VDD3
U5
LU3X31T-T64
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
RESV
100FDEN
GND9
AUTONEN
TPTXTR
EQGND1
EQVDD1
RESV
RSTZ
PHY[0]
100HDEN
PHY[1]
VDD5
GND1
VDD1
MDIOINTZ/PHY[2]
LEDSP/10FDEN
RXDV
RXER
RXD3
RXD2
RXD1
RXD0
RXCLK
VDD8
GND8
TXEN
TXER
TXD3
TXD2
TXD1
TXD0
RXVDD2
RXGND2
TPRX-
TPRX+
RXGND1
RXVDD1
CSVDD
CSVDD
CSGND
TXVDD2
TPTX-
TPTX+
TXGND1
TXVDD1
REF100
REF10
XOUT
XIN
XTLVDD
MDC
LNKLED/BPALIGN
LEDFD/10HDEN
LEDCOL/BP4B5B
LEDTX/ACTLED/BPSCR
LEDRX
COL/PHY[4]
VDD6
VDD4
GND4
MDIO
CRS/PHY[3]
TXCLK
R10
49.9
VDD3
C24
0.01u
C32
0.1u
R13
4.7K
R22
4.7K
RDN
+ C41
4.7u/16V
C36
0.1u
LNKLED
VDD3
RXCLK
Set PHY Address to 00010:
SPDLED
R14
4.7K
U6
TS6121A
1
2
3
6
7
8
9
10
11
14
15
16
1
2
3
6
7
8
9
10
11
14
15
16
R27
301
C21
0.01u
+ C28
4.7u/16V
R29
1
LNKLED
VDD3
SPEED LED
170AP1A1.SCH
2.0
LU3X31
ASIX ELECTRONIC CORPORATION
B
2
2
Monday, February 26, 2001
Title
Size
Document Number
Rev
Date:
Sheet
of
TXD2
TXD1
VDD3
R30
4.7K
C38
1000P
RDP
MDC
TX
1:1
RX
1:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com