Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88170L Datasheet(PDF) 33 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 33 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 29Page - ASIX Electronics Corporation AX88170L Datasheet HTML 30Page - ASIX Electronics Corporation AX88170L Datasheet HTML 31Page - ASIX Electronics Corporation AX88170L Datasheet HTML 32Page - ASIX Electronics Corporation AX88170L Datasheet HTML 33Page - ASIX Electronics Corporation AX88170L Datasheet HTML 34Page - ASIX Electronics Corporation AX88170L Datasheet HTML 35Page - ASIX Electronics Corporation AX88170L Datasheet HTML 36Page - ASIX Electronics Corporation AX88170L Datasheet HTML 37Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
AX88170
USB to Fast Ethernet/HomePNA Controller
ASIX ELECTRONICS CORPORATION
33
Demonstration Circuit C: 4 USB Ports + 1 Ethernet Port Bridge AP
U4C
74HC04
5
6
(POWER IN: 5V/3A)
C12
0.1u
25M_PHY
RST_USB#
25M_USB1
U5
OSC 25MHZ
5
4
8
OUT
GND
VCC
GND
+
C1
200u/16V
RST_USB#
25M_USB0
*2 R9 & R10 : Adjust DM9191F
LCLK to AX88875AP LCLK
C5
1000p
L3
F.B.
VDD5
25M_USB3
VDD5
25MHZ
25M_USB3
C7
1000p
U4A
74HC04
1
2
U2D
74LV04
9
8
GND
L2
F.B.
AX88170 L PHY mode application (MII Interface)
U2A
74LV04
1
2
R5
20
25M_PHY
U2C
74LV04
5
6
L1
F.B.
GND5
R3
20
25M_USB2
VDD5
25M_USB0
VDD5
VDD3
U6C
74F04
5
6
RST_EN#
R10
20
C11
0.1u
JP1
POWER CONNECTOR
4
3
2
1
VDD3
R6
20
C9
0.1u
U1
AMS1084-3.3V
3
2
1
VIN
VOUT
ADJ/GND
RST_EN#
U2B
74LV04
3
4
R4
51
VDD5
25M_USB2
R2
20
U4B
74HC04
3
4
*1 R7 & R8 : Adjust ax88875AP
LCLK to AX88170 L TXCLK
25M_USB1
R1
10K
GND
RST_EN#
+
C3
47u/16V
U3
V6300F
1
2
3
VCC
RESET#
GND
R9
20
VDD5
+
C2
200u/16V
VDD5
25M_REP
25M_REP
U2E
74LV04
11
10
25M_USB0
C4
0.1u
25M_USB2
+
C8
47u/16V
25M_USB1
C6
0.1u
R7
20
U6A
74F04
1
2
25M_USB3
RST_USB#
VDD3
VDD3
C13
1000p
C10
0.01u
+5V
GND
R8
20
GND
170AP5A.SCH
2.0
POWER & RESET C.K.T.
B
1
7
Monday, February 26, 2001
Title
Size
Document Number
Rev
Date:
Sheet
of
25M_REP
25M_PHY
U6B
74F04
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com