Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88170L Datasheet(PDF) 38 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 38 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 31Page - ASIX Electronics Corporation AX88170L Datasheet HTML 32Page - ASIX Electronics Corporation AX88170L Datasheet HTML 33Page - ASIX Electronics Corporation AX88170L Datasheet HTML 34Page - ASIX Electronics Corporation AX88170L Datasheet HTML 35Page - ASIX Electronics Corporation AX88170L Datasheet HTML 36Page - ASIX Electronics Corporation AX88170L Datasheet HTML 37Page - ASIX Electronics Corporation AX88170L Datasheet HTML 38Page - ASIX Electronics Corporation AX88170L Datasheet HTML 39Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
AX88170
USB to Fast Ethernet/HomePNA Controller
ASIX ELECTRONICS CORPORATION
38
RXCLK4
R59
10K
TXEN1
MODE0
RXDV1
MD3
C60
0.1u
TXD02
VDD5
R66
20
R51
20
C70
0.1u
MEMS1
MD0
C63
0.1u
RXCLK1
RXD21
MA11
GND
COL10#
RXD01
MA7
R71
510
RXD10
RXDV3
TXD32
CRS3
DISFC#
TXD30
+
C58
100u/16V
TXD13
*10 settingt to mode
0
MA0
GND
VDD5
MA6
TXER4
D6
LED
R67
10K
R56
10K
R57
10K
GND
DISFC#
TXD03
TXD01
TXD31
GND
RXD22
VDD5
TXD42
MA0
COL100#
MD7
MD2
MD3
GND
MA16
R53
10K
RXD43
RXD03
VDD5
TXD10
MA16
GND
RXCLK0
RXD12
VDD5
R72
10K
MD1
VDD5
ST_FW
MA11
U16
HSRAM128*8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
N.C.
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
VCC
A15
CS2
WE_#
A13
A8
A9
A11
OE_#
A10
CS1_#
I/O8
I/O7
I/O6
I/O5
I/O4
GND
MD4
C61
0.1u
TXD20
RXDV0
RXD41
RXD00
MA1
COL100#
RXD20
R52
10K
C66
0.1u
VDD5
VDD5
TXD33
LLED4
GND
TXD40
TXD43
MA3
*9 LOW: DIS_FLOW-CONTROL
TXD23
CRS0
100 GLOBAL COLLISION
GND
MD2
MD6
MODE0
LCLK
R65
10K
ENTRY
GND
RST#
TXEN0
GND
TXD21
TXEN3
RXD23
MA14
VDD5
RXD33
ENTRY
RXD40
RXD42
MWR#
C65
0.1u
R60
20
R62
10K
VDD5
GND
C67
0.1u
MA15
MA14
10 GLOBAL COLLISION
MA7
MA5
VDD5
U15
AX88875AP
1
2
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
VDD
RXD<1><2>
TXD<3><1>
TXD<3><2>
TXD<3><3>
TXER3<3> COL<3>
VSS
PULL_DN
EN_FLOW-CTL
MODE
TXE_DELAY
VDD
RXER<4>
RXDV<4>
CRS<4>
VSS
VDD
RXCLK<4>
RXD<4><0>
RXD<4><1>
RXD<4><2>
RXD<4><3>
TXEN<4>
TXD<4><0> MEM_SIZE<0>
TXD<4><1> MEM_SIZE<1>
TXD<4><2> ENTRIES
TXD<4><3> ST_FW
TXER<4> COL<4>
COL_O<4>
VSS
/LCOL100
MDC
MDO
MCLK
/BMA<15>
/LUTI<0>
/LUTI<1>
/LUTI<2>
/LUTI<3>
/BMWR /IR_ACT_EN
BMA<8>
BMA<9>
/LPART<4>
VSS
/LACT<4>
NC
/LACT<2>
/LACT<3>
VDD
NC
/LACT<0>
/LACT<1>
NC
TEST1
/RST
VSS
LCLK
/HALF10
VDD
PULL_DN
PULL_DN
VDD
VSS
RXER<0>
RXDV<0>
CRS<0>
RXCLK<0>
RXD<0><0>
RXD<0><1>
RXD<0><2>
RXD<0><3>
VSS
TXEN<0>
TXD<0><0>
TXD<0><1>
TXD<0><2>
TXD<0><3>
COL<0> TXER<0>
RXER<1>
RXDV<1>
CRS<1>
RXCLK<1>
RXD<1><0>
RXD<1><1>
RXD<1><3>
TXEN<1>
TXD<1><0>
TXD<1><1>
TXD<1><2>
TXD<1><3>
TXER<1> COL<1>
VSS
PULL_DN
PULL_DN
VDD
VSS
RXER<2>
RXDV<2>
CRS<2>
RXCLK<2>
RXD<2><0>
RXD<2><1>
RXD<2><2>
RXD<2><3>
TXEN<2>
TXD<2><0>
TXD<2><1>
TXD<2><2>
TXD<2><3>
TXER<2> COL<2>
VSS
RXER<3>
RXDV<3>
CRS<3>
RXCLK<3>
RXD<3><0>
RXD<3><1>
RXD<3><2>
RXD<3><3>
VDD
TXEN<3>
TXD<3><0>
VDD
BMA<10>
BMA<11>
BMA<12>
BMA<13>
BMA<14>
BMA<15>
BMA<16>
VSS
BMD<0>
BMD<1>
BMD<2>
BMD<3>
BMD<4>
BMD<5>
BMD<6>
BMD<7>
VSS
BMA<0>
BMA<1>
BMA<2>
BMA<3>
VDD
BMA<4>
BMA<5>
BMA<6>
BMA<7>
VSS
VDD
/LSEL10
/LCOL10
/LUTI<5>
/LUTI<4>
/TEST2
/LPART<0>
/LPART<1>
/LPART<2>
LPART<3>
TXD22
MD6
VDD5
TXD00
25M_REP
MA13
MA3
MA9
C69
0.1u
RXCLK2
MD0
MA4
MWR#
D5
LED
R54
10K
GND
RXDV2
MD1
R58
10K
RXCLK3
COL10#
GND
GND
*7 Set memory size to 128KB
MA2
MA10
MA1
MA12
CRS1
MD7
MA8
R55
10K
CRS2
RXD32
170AP5A5.SCH
2.0
AX88875 AP C.K.T.
B
6
7
Monday, February 26, 2001
Title
Size
Document Number
Rev
Date:
Sheet
of
MD5
VDD5
GND
RXD31
RXDV4
*8 ENTRIES Setting :
High : 256
Low : 1024
R68
10K
GND
MD4
R64
10K
MA8
MA9
MA10
C68
0.1u
MA15
C62
0.1u
C71
0.1u
MA13
MA4
R69
510
R61
20
R70
20
C64
0.1u
MA6
MEMS1
C59
0.1u
TXD11
TXD12
RXD13
RST_EN#
MEMS0
VDD5
MA2
RXD11
RXD02
RXD30
MD5
R63
10K
MA5
TXEN2
TXEN4
CRS4
RXER4
GND
MA12
TXD41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com