Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6203ENGSP Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT6203ENGSP
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203ENGSP Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT6203ENGSP Datasheet HTML 2Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 3Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 4Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 5Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 6Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 7Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 8Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 9Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
RT6203E
6
DS6203E-00 January 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
(VIN = 12V, TA = 25°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VIN -------------------------------------------------------------------------------------------------------
−0.3V to 20V
Switch Voltage, SW -------------------------------------------------------------------------------------------------------
−0.3V to 20.3V
<50ns ------------------------------------------------------------------------------------------------------------------------
−5V to 25V
BOOT Voltage --------------------------------------------------------------------------------------------------------------
−0.3V to 26.3V
Enable Voltage, EN -------------------------------------------------------------------------------------------------------
−0.3V to 20V
BOOT to Switch Voltage, BOOT
− SW ------------------------------------------------------------------------------ −0.3V to 6V
Other Pins -------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) --------------------------------------------------------------------------------------------------- 3.44W
Package Thermal Resistance (Note 2)
SOP-8 (Exposed Pad),
θJA ---------------------------------------------------------------------------------------------- 29°C/W
SOP-8 (Exposed Pad),
θJC --------------------------------------------------------------------------------------------- 2°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions (Note 4)
Supply Voltage, VIN ------------------------------------------------------------------------------------------------------ 4.5V to 18V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
Shutdown Current
ISHDN
VEN = 0V
--
1.5
10
A
Shutdown Current by VID
ISHDN_VID Special code = 1110110
--
75
105
A
Quiescent Current
IQ
VEN = 2V, VFB = 1V
--
0.55
1.2
mA
Logic Threshold
EN Input Voltage
Logic-Low
VIL
--
--
0.4
V
Logic-High VIH
1.6
--
--
EN Pull-High Current
--
1
--
A
Output Voltage
Output Voltage
VOUT
RT6203E
1.089
1.1
1.111
V
Output Voltage
VOUT
I2C mode
Ideal
VOUT
1.5%
Ideal
VOUT
Ideal
VOUT
+1.5%
V
Minimum Output Voltage
Rising Time per 10mV
VOUT
Special code = 1100001
(default) VOUT range between
0.7 to 1.2V
--
1
--
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com