Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6203ENGSP Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT6203ENGSP
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203ENGSP Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT6203ENGSP Datasheet HTML 8Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 9Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 10Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 11Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 12Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 13Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 14Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 15Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
RT6203E
12
DS6203E-00 January 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
I2C Interface Function
The RT6203E implements a subset of the I2C standard and provides a complete transaction command with a address
byte followed by a single 8-bit data byte. Becasue there is no register address, the read function and multi-byte data
transfer are not supported in this subset function. If the RT6203E fails to acknowledge for address byte or data byte, the
master should issue a STOP command of ERROR and try again.
The 7-bit address of the RT6203E with a WRITE operation bit can become an 8 bits I2C address byte. (Address =
0b01101000). Table 1 is the structure of the RT6203E Data Byte. Bit0 to Bit6 are the 7-bit code for one of 77 output
voltage and special function. After the soft-start time, Master can sent 8 bits data to control the VOUT of the RT6203E.
The voltages can be selected from Table 2 and Table 3 shows how to use special function. The bit7 is check-sum bit and
Master should set this bit to be the Exclusive-OR of [Bit6:Bit0]. In other words, the sum is even. If not, the RT6203E will
not send an ACK bit.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ChkSum
D6
D5
D4
D3
D2
D1
D0
Table 1. Structure of the RT6203E Data Byte
Table 2. VID Function
Code
VOUT
Code
VOUT
Code
VOUT
Code
VOUT
0
0.6
10
0.75
20
0.85
30
0.95
1
0.62
11
0.76
21
0.86
31
0.96
2
0.64
12
0.77
22
0.87
32
0.97
3
0.66
13
0.78
23
0.88
33
0.98
4
0.68
14
0.79
24
0.89
34
0.99
5
0.7
15
0.8
25
0.9
35
1
6
0.71
16
0.81
26
0.91
36
1.01
7
0.72
17
0.82
27
0.92
37
1.02
8
0.73
18
0.83
28
0.93
38
1.03
9
0.74
19
0.84
29
0.94
39
1.04
Code
VOUT
Code
VOUT
Code
VOUT
Code
VOUT
40
1.05
50
1.15
60
1.3
70
1.5
41
1.06
51
1.16
61
1.32
71
1.52
42
1.07
52
1.17
62
1.34
72
1.54
43
1.08
53
1.18
63
1.36
73
1.56
44
1.09
54
1.19
64
1.38
74
1.58
45
1.1
55
1.2
65
1.4
75
1.6
46
1.11
56
1.22
66
1.42
76
1.62
47
1.12
57
1.24
67
1.44
48
1.13
58
1.26
68
1.46
49
1.14
59
1.28
69
1.48
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com