Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6203ENGSP Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT6203ENGSP
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203ENGSP Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT6203ENGSP Datasheet HTML 6Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 7Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 8Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 9Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 10Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 11Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 12Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 13Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
RT6203E
10
DS6203E-00 January 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
EN Pin Threshold vs. Temperature
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
-50
-25
0
25
50
75
100
125
Temperature (°C)
Falling
Rising
VIN = 12V, VOUT = 1.1V, IOUT = 0A
Time (2ms/Div)
Power On from EN
VSW
(5V/Div)
VEN
(3V/Div)
IOUT
(6A/Div)
VOUT
(400mV/Div)
VIN = 12V, VOUT = 1.1V,
IOUT = 0A
Time (100
μs/Div)
Output Ripple
VSW
(5V/Div)
VOUT
(30mV/Div)
VIN = 12V, VOUT = 1.1V, IOUT = 10mA
Time (1
μs/Div)
Output Ripple
VSW
(5V/Div)
VOUT
(30mV/Div)
VIN = 12V, VOUT = 1.1V, IOUT = 6A
Time (50
μs/Div)
Load Transient
IOUT
(3A/Div)
VOUT
(50mV/Div)
VIN = 12V, VOUT = 1.1V
IOUT = 10mA to 3A, TR = TF = 1
μs
Time (50
μs/Div)
Load Transient
IOUT
(3A/Div)
VOUT
(50mV/Div)
VIN = 12V, VOUT = 1.1V
IOUT = 3A to 6A, TR = TF = 1
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com