Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6203ENGSP Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT6203ENGSP
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203ENGSP Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT6203ENGSP Datasheet HTML 12Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 13Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 14Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 15Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 16Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 17Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 18Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 19Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
RT6203E
16
DS6203E-00 January 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
The amplitude of the capacitive soar is a function of the
load step, the output capacitor value, the inductor value
and the output voltage :
2
OUT
SOAR
OUT
OUT
L( I
)
V
=
2C
V


Due to some modern digital loads can exhibit nearly
instantaneous load changes, the amplitude of the ESR
step up or down should be taken into consideration.
Enable Operation (EN)
EN is a high voltage input pin. For automatic start-up, the
EN pin can be connected to VIN directly. The inherent
hysteresis makes EN useful as a simple timing delay. To
add an additional time delay, the EN pin can be connected
to GND through a capacitor CEN, as shown in Figure 2.
The additional time delay for switching operation to start
can be calculated with the EN's internal logic threshold.
(typically 2V).
An external MOSFET can be added to implement an logic-
controlled EN pin, as shown in Figure 3. The MOSFET
Q1 can provide the logic control on the EN pin, pulling it
down. To prevent enabling circuit when VIN is smaller than
the VOUT target value or some other desired voltage level,
a resistive divider can be placed to control the EN voltage
as the additional input under voltage lockout function, as
shown in Figure 4.
Figure 2. Enable Timing Control
Figure 3. Logic Control for the EN Pin
RT6203E
EN
GND
VIN
REN1
REN2
External Bootstrap Diode
Connect a 0.1
μF low ESR ceramic capacitor between the
BOOT and SW pins. This capacitor provides the gate driver
voltage for the high-side MOSFET. It is recommended to
add an external bootstrap diode between an external 5V
and BOOT pin for efficiency improvement when input
voltage is lower than 5.5V. The bootstrap diode can be a
low cost one such as IN4148 or BAT54. The external 5V
can be a 5V fixed input from system or a 5V output of the
RT6203E Note that the external boot voltage must be lower
than 5.5V.
External BOOT Capacitor Series Resistor
The internal power MOSFET gate driver is not only
optimized to turn the switch on fast enough to minimize
switching loss, but also slow enough to reduce EMI. Since
the switch rapidly turn-on will induce high di/dt noise which
let EMI issue much worse. During switch turn-off, SW is
discharged relatively slowly by the inductor current during
the dead time between high-side and low-side switch on-
times. In some cases it is desirable to reduce EMI further,
at the expense of some additional power dissipation. The
switch turn-on can be slowed by placing a small (<47
Ω)
resistance between BOOT and the external bootstrap
capacitor. This will slow the high-side switch turn-on speed
and VSW's rise. The recommended external diode
connection is shown in Figure 5, using external diode to
charge the BOOT capacitor, and place a resistor between
BOOT and the capacitor/diode connection to reduce turn-
on speed for any EMI issue consideration.
EN
GND
VIN
REN
CEN
RT6203E
RT6203E
EN
GND
VIN
REN
Q1
Enable
Figure 4. Resistor Divider for Lockout Threshold Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com