Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6203ENGSP Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT6203ENGSP
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203ENGSP Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT6203ENGSP Datasheet HTML 5Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 6Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 7Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 8Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 9Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 10Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 11Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 12Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
RT6203E
9
DS6203E-00 January 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
I
2
C Shutdown Current vs. Input Voltage
50
60
70
80
90
100
110
120
130
140
150
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
Input Voltage (V)
Typical Operating Characteristics
UVLO Voltage vs. Temperature
3.20
3.40
3.60
3.80
4.00
4.20
4.40
-50
-25
0
25
50
75
100
125
Temperature (°C)
Falling
Rising
VOUT = 1.2V, IOUT = 0A
Choke Valley Current Limit vs. Input Voltage
3
4
5
6
7
8
9
10
11
12
4
6
8
101214
1618
Input Voltage (V)
ILIM = 10A
ILIM = 4.3A
ILIM = 7.15A
VIN = 12V, VOUT = 1.1V
Output Voltage vs. Input Voltage
1.080
1.085
1.090
1.095
1.100
1.105
1.110
1.115
1.120
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
Input Voltage (V)
IOUT = 6A
IOUT = 3A
IOUT = 1A
IOUT = 100mA
Output Voltage vs. Output Current
1.080
1.085
1.090
1.095
1.100
1.105
1.110
1.115
1.120
0123
456
Output Current (A)
VIN = 4.5V
VIN = 12V
VIN = 18V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0123
456
Output Current (A)
VIN = 4.5V
VIN = 12V
VIN = 18V
VOUT = 1.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com