Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6203ENGSP Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT6203ENGSP
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203ENGSP Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT6203ENGSP Datasheet HTML 3Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 4Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 5Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 6Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 7Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 8Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 9Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 10Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
RT6203E
7
DS6203E-00 January 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Output Voltage
Rising Time per 10mV
VOUT
Special code = 1101000
VOUT range between 0.7 to 1.2V
--
8
--
s
VPVCC Output
VPVCC Output Voltage
VPVCC
6V = VIN = 18V,
0 < IPVCC < 5mA
4.8
5
5.2
V
Line Regulation
VLINE
6V = VIN = 18V, IPVCC = 5mA
--
--
20
mV
Load Regulation
VLOAD
0 < IPVCC < 5mA
--
--
30
mV
Output Current
IPVCC
VIN = 6V, VPVCC = 4V
100
210
--
mA
RDS(ON)
Switch-On Resistance
RDS(ON)_H VBOOT – VSW = 5V
--
48
100
m
RDS(ON)_L
--
25
50
Current Limit
Low-Side Switch Current
Limit
ILIM_L
Special code = 1110000 (default)
8.5
10
11.5
A
Special code = 1110001
5.72
7.15
8.6
Special code = 1110010
3.44
4.3
5.16
On-Time Timer Control
Switching Frequency
fSW
--
700
--
kHz
Minimum On-Time
tON_MIN
--
60
--
ns
Minimum Off-Time
tOFF_MIN
--
230
--
ns
Soft-Start
Soft-Start Time
tSS
--
1100
--
s
UVLO
UVLO Threshold
VUVLO
Wake up VPVCC
3.55
3.85
4.15
V
VUVLO
Hysteresis
--
0.4
--
Thermal Shutdown
Thermal Shutdown
Threshold
TSD
Special code = 1110011 (default)
--
150
--
°C
Special code = 1110100
--
130
--
Special code = 1110101
--
170
--
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Note 2.
θJA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high effective-
thermal-conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
θJC is measured at the
exposed pad of the package.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com