Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6203ENGSP Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT6203ENGSP
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203ENGSP Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT6203ENGSP Datasheet HTML 10Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 11Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 12Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 13Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 14Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 15Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 16Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 17Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
RT6203E
14
DS6203E-00 January 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
The output stage of a synchronous buck converter is
composed of an inductor and capacitor, which stores and
delivers energy to the load, and forms a second-order low-
pass filter to smooth out the switch node voltage to
maintain a regulated output voltage.
Inductor Selection
The inductor selection trade-offs among size, cost,
efficiency, and transient response requirements. Generally,
three key inductor parameters are specified for operation
with the device: inductance value (L), inductor saturation
current (ISAT), and DC resistance (DCR).
A good compromise between size and loss is to choose
the peak-to-peak ripple current equals to 10% to 50% of
the IC rated current. The switching frequency, input
voltage, output voltage, and selected inductor ripple current
determines the inductor value as follows :
OUT
IN
OUT
IN
SW
L
V(V
V
)
L =
Vf
I

 
Once an inductor value is chosen, the ripple current (
ΔIL)
is calculated to determine the required peak inductor
current.
OUT
IN
OUT
L
L
L(PEAK)
OUT_MAX
IN
SW
V(V
V
)
I
I =
and I
= I
+
Vf
L
2


IL(PEAK) should not exceed the minimum value of IC's upper
current limit level. Besides, the current flowing through
the inductor is the inductor ripple current plus the output
current. During power up, faults or transient load
conditions, the inductor current can increase above the
calculated peak inductor current level calculated above.
In transient conditions, the inductor current can increase
up to the switch current limit of the device. For this reason,
the most conservative approach is to specify an inductor
with a saturation current rating equal to or greater than
the switch current limit rather than the peak inductor
current.
For more conservative, the rating for inductor saturation
current must be equal to or greater than switch current
limit of the device rather than the inductor peak current.
Input Capacitor Selection
Input capacitance, CIN, is needed to filter the pulsating
current at the drain of the high-side power MOSFET. CIN
should be sized to do this without causing a large variation
in input voltage. The waveform of CIN ripple voltage and
ripple current are shown in Figure 1. The peak-to-peak
voltage ripple on input capacitor can be estimated as
equation below :
CIN
OUT
OUT
IN
SW
1D
V
= D I
+ I
ESR
Cf

where
OUT
IN
V
D =
V
For ceramic capacitors, the equivalent series resistance
(ESR) is very low, the ripple which is caused by ESR can
be ignored, and the minimum input capacitance can be
estimated as equation below :
IN_MIN
OUT_MAX
CIN_MAX
SW
D1 D
C
I
Vf
=

CIN_MAX
Where V
200mV

CIN Ripple Voltage
CIN Ripple Current
VCIN
(1-D) x IOUT
D x IOUT
(1-D) x tSW
D x tSW
VESR = IOUT x ESR
Figure 1. CIN Ripple Voltage and Ripple Current
In addition, the input capacitor needs to have a very low
ESR and must be rated to handle the worst-case RMS
input current of :
OUT
IN
RMS
OUT_MAX
IN
OUT
V
V
I
I
1
VV

It is commonly to use the worse IRMS
≅ IOUT/2 at VIN =
2VOUT for design. Note that ripple current ratings from
capacitor manufacturers are often based on only 2000
hours of life which makes it advisable to further de-rate
the capacitor, or choose a capacitor rated at a higher
temperature than required.
Several capacitors may also be paralleled to meet size,
height and thermal requirements in the design. For low
input voltage applications, sufficient bulk input capacitance
is needed to minimize transient effects during output load
changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com