Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6203ENGSP Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT6203ENGSP
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203ENGSP Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT6203ENGSP Datasheet HTML 7Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 8Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 9Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 10Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 11Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 12Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 13Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 14Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
RT6203E
11
DS6203E-00 January 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (20
μs/Div)
VID Falling
VSW
(5V/Div)
VOUT
(300mV/Div)
VIN = 12V, IOUT = 6A
VID 1.62V to VID 0.6V
VOUT slew rate = 1Code/1
μs,
Time (50
μs/Div)
VID Rising
VSW
(5V/Div)
VOUT
(300mV/Div)
VIN = 12V, IOUT = 6A
VID 0.6V to VID 1.62V
VOUT slew rate =
1Code/1
μs,
Time (2ms/Div)
Power Off from EN
VSW
(5V/Div)
VEN
(3V/Div)
IOUT
(6A/Div)
VOUT
(400mV/Div)
VIN = 12V, VOUT = 1.1V,
IOUT = 10mA
Time (5ms/Div)
Power On from VIN
VSW
(5V/Div)
VIN
(10V/Div)
IOUT
(6A/Div)
VOUT
(400mV/Div)
VIN = 12V, VOUT = 1.1V,
IOUT = 0A
Time (20
μs/Div)
Power On than Short
IOUT
(2A/Div)
VOUT
(500mV/Div)
VIN = 12V, VOUT = 1.1V, ILIM = 4.3A
Time (50ms/Div)
Power Off from VIN
VSW
(5V/Div)
VIN
(10V/Div)
IOUT
(6A/Div)
VOUT
(400mV/Div)
VIN = 12V, VOUT = 1.1V,
IOUT = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com