Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6203ENGSP Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT6203ENGSP
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203ENGSP Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT6203ENGSP Datasheet HTML 13Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 14Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 15Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 16Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 17Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 18Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 19Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 20Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 21Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
RT6203E
17
DS6203E-00 January 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 5. External Bootstrap Diode and BOOT Capacitor
Series Resistor
SW
BOOT
5V
0.1µF
RT6203E
R
Thermal Considerations
In many applications, the RT6203E does not generate
much heat due to its high efficiency and low thermal
resistance of its SOP-8 package. However, in applications
in which the RT6203E is running at a high ambient
temperature and high input voltage, the generated heat
may exceed the maximum junction temperature of the
part.
The RT6203E includes a programmable over-temperature
protection (OTP) circuitry to prevent overheating due to
excessive power dissipation. If the junction temperature
reaches approximately 150
°C(default), the RT6203E stop
switching the power MOSFETs until the temperature drops
about 20
°C cooler.
Note that the over temperature protection is intended to
protect the device during momentary overload conditions.
The protection is activated outside of the absolute
maximum range of operation as a secondary fail-safe and
therefore should not be relied upon operationally.
Continuous operation above the specified absolute
maximum operating junction temperature may impair
device reliability or permanently damage the device.
The maximum power dissipation can be calculated by
the following formula :



A
D MAX
J MAX
JA EFFECTIVE
P= T
T
/ θ
where TJ(MAX) is the maximum allowed junction temperature
of the die. For recommended operating condition
specifications, the maximum junction temperature is
125
°C. TA is the ambient operating temperature,
θJA(EFFECTIVE) is the system-level junction to ambient
thermal resistance. It can be estimated from thermal
modeling or measurements in the system.
The device thermal resistance depends strongly on the
surrounding PCB layout and can be improved by providing
a heat sink of surrounding copper ground. The addition of
backside copper with thermal vias, stiffeners, and other
enhancements can also help reduce thermal resistance.
As an example, consider the case when the RT6203E is
used in applications where VIN = 12V, IOUT = 6A, fSW =
700kHz, VOUT = 1.1V. The efficiency at 1.1V, 6A is 75.8%
by using WE -744770015 (1.5
μH, 5mΩ DCR) as the
inductor and measured at room temperature. The core
loss can be obtained from its website of 37.4mW in this
case. In this case, the power dissipation of the RT6203E
is
2
D, RT
OUT
CORE
O
1 η
P
=
P
I
DCR + P
= 1.89W
η

Considering the system-level
θJA(EFFECTIVE) is 34.8°C/W
(other heat sources are also considered), the junction
temperature of the regulator operating in a 25
°C ambient
temperature is approximately :
J
T = 1.89W 34.8 C/W + 25 C = 90.7 C

Figure 6 shows the RT6203E RDS(ON) versus different
junction temperature. If the application calls for a higher
ambient temperature, we might recalculate the device
power dissipation and the junction temperature based on
a higher RDS(ON) since it increases with temperature.
Using 50
°C ambient temperature as an example. Due to
the variation of junction temperature is dominated by the
ambient temperature, the TJ' at 50
°C ambient temperature
can be pre-estimated as
J
T ' = 90.7 C + 50 C 25 C = 115.7 C
 
According to Figure 6, the increasing RDS(ON) can be found
as



DS ON _H
DS ON _L
R
= 61.8m
(at 115.7 C) 56.7m
90.7 C = 5.1m
R
= 28.1m
(at 115.7 C) 25.7m
90.7 C = 2.4m

 

 
The external power dissipation caused by the increasing
RDS(ON) at higher temperature can be calculated as



22
D,RDS ON
1.1
1.1
P
= 6A
5.1m
+ 6A
1
12
12
2.4m
= 0.096W


 



As a result, the new power dissipation due to the variation
of RDS(ON) is 1.986W. Therefore, the estimated new
junction temperature is
J
T ' = 1.986W 34.8 C/W + 50 C = 119.1 C




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com