Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6203ENGSP Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT6203ENGSP
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203ENGSP Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT6203ENGSP Datasheet HTML 13Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 14Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 15Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 16Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 17Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 18Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 19Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 20Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 21Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
RT6203E
19
DS6203E-00
January 2019
www.richtek.com
©
Copyright
2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 7. PCB Layout Guide
The feedback trace is on bottom layer and
shielded by GND plane of inner layer.
Input capacitors must be placed as
close to IC VIN-GND as possible
GND
2
3
4
5
6
7
8
9
EN
SDA
SCL
SW should be connected to inductor by wide and short trace.
Keep sensitive components away from this trace .
Keep analog components away from the BOOT
nodes.
Add 12 thermal vias with 0.25mm diameter on
exposed pad for thermal dissipation and current
carrying capacity. Suggest inner layers are GND
plane.
Extend the GND plane for better thermal
dissipation.
Keep digital signal away from the noise traces and shielded by GND
plane.
Four-layer or six-layer PCB with maximum ground plane
is strongly recommended for good thermal performance.
CVCC
CIN1
CIN2
CIN3
CBOOT
COUT1
COUT2
COUT3
COUT4
COUT5
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com